Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 4 Page - Infineon Technologies AG

  C501 Datasheet HTML 1Page - Infineon Technologies AG C501 Datasheet HTML 2Page - Infineon Technologies AG C501 Datasheet HTML 3Page - Infineon Technologies AG C501 Datasheet HTML 4Page - Infineon Technologies AG C501 Datasheet HTML 5Page - Infineon Technologies AG C501 Datasheet HTML 6Page - Infineon Technologies AG C501 Datasheet HTML 7Page - Infineon Technologies AG C501 Datasheet HTML 8Page - Infineon Technologies AG C501 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
C501
Semiconductor Group
4
1997-04-01
The C501-1R contains a non-volatile 8K
× 8 read-only program memory, a volatile 256 × 8 read/
write data memory, four ports, three 16-bit timers counters, a seven source, two priority level
interrupt structure and a serial port. The C501-L is identical, except that it lacks the program
memory on chip. The C501-1E contains a one-time programmable (OTP) program memory on chip.
The term C501 refers to all versions within this specification unless otherwise noted. Further, the
term C501 refers to all versions which are available in the different temperature ranges, marked with
SAB-C501... or SAF-C501.... .
Ordering Information
Type
Ordering Code Package
Description
(8-Bit CMOS microcontroller)
SAB-C501G-LN
SAB-C501G-LP
SAB-C501G-LM
Q67120-C969
Q67120-C968
Q67127-C970
P-LCC-44
P-DIP-40
P-MQFP-44
for external memory (12 MHz)
SAB-C501G-L24N
SAB-C501G-L24P
SAB-C501G-L24M
Q67120-C1001
Q67120-C999
Q67127-C1014
P-LCC-44
P-DIP-40
P-MQFP-44
for external memory (24 MHz)
SAB-C501G-L40N
SAB-C501G-L40P
SAB-C501G-L40M
Q67120-C1002
Q67120-C1000
Q67127-C1009
P-LCC-44
P-DIP-40
P-MQFP-44
for external memory (40 MHz)
SAF-C501G-L24N
SAF-C501G-L24P
Q67120-C1011
Q67120-C1010
P-LCC-44
P-MQFP-44
for external memory (24 MHz)
ext. temp. – 40 ˚C to 85 ˚C
SAB-C501G-1RN
SAB-C501G-1RP
SAB-C501G-1RM
Q67120-DXXX
Q67120-DXXX
Q67127-DXXX
P-LCC-44
P-DIP-40
P-MQFP-44
with mask-programmable ROM (12 MHz)
SAB-C501G-1R24N
SAB-C501G-1R24P
SAB-C501G-1R24M
Q67120-DXXX
Q67120-DXXX
Q67127-DXXX
P-LCC-44
P-DIP-40
P-MQFP-44
with mask-programmable ROM (24 MHz)
SAB-C501G-1R40N
SAB-C501G-1R40P
SAB-C501G-1R40M
Q67120-DXXX
Q67120-DXXX
Q67127-DXXX
P-LCC-44
P-DIP-40
P-MQFP-44
with mask-programmable ROM (40 MHz)
SAF-C501G-1R24N
SAF-C501G-1R24P
Q67120-DXXX
Q67120-DXXX
P-LCC-44
P-DIP-40
with mask-programmable ROM (24 MHz)
ext. temp. – 40 ˚C to 85 ˚C
SAB-C501G-1EN
SAB-C501G-1EP
Q67120-C1054
Q67120-C1056
P-LCC-44
P-DIP-40
with OTP memory (12 MHz)
SAF-C501G-1EN
SAF-C501G-1EP
Q67120-C2002
Q67120-C2003
P-LCC-44
P-DIP-40
with OTP memory (12 MHz))
ext. temp. – 40 ˚C to 85 ˚C
SAB-C501G-1E24N
SAB-C501G-1E24P
Q67120-C2005
Q67120-C2006
P-LCC-44
P-DIP-40
with OTP memory (24 MHz)
SAF-C501G-1E24N
SAF-C501G-1E24P
Q67120-C2008
Q67120-C2009
P-LCC-44
P-DIP-40
with OTP memory (24 MHz))
ext. temp. – 40 ˚C to 85 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com