Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 2 Page - Infineon Technologies AG

  C501 Datasheet HTML 1Page - Infineon Technologies AG C501 Datasheet HTML 2Page - Infineon Technologies AG C501 Datasheet HTML 3Page - Infineon Technologies AG C501 Datasheet HTML 4Page - Infineon Technologies AG C501 Datasheet HTML 5Page - Infineon Technologies AG C501 Datasheet HTML 6Page - Infineon Technologies AG C501 Datasheet HTML 7Page - Infineon Technologies AG C501 Datasheet HTML 8Page - Infineon Technologies AG C501 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Edition 1997-04-01
Published by Siemens AG,
Bereich Halbleiter, Marketing-
Kommunikation, Balanstraße 73,
81541 München
© Siemens AG 1997.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes
and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany or the Siemens Companies
and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact
your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will
take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs in-
curred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components1 of the Semiconductor Group of Siemens AG, may only be used in life-support devices or systems2 with the express
written approval of the Semiconductor Group of Siemens AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the
failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain hu-
man life. If they fail, it is reasonable to assume that the health of the user may be endangered.
C501 Data Sheet
Revision History :
1997-04-01
Previous Releases :
11.92, 11.93, 08.94, 08.95, 10.96
Page
(previous
version)
Page
(new
version)
Subjects (changes since last revision)
general
C501G-1E OTP version included
4
5
5-7
11
8, 9, 10
13
14
-
15-18
17
-
-
41
-
4
5
5-7
11
8, 9, 10
13
14
15
16-18
17
25-28
31
41
43, 44
Ordering information resorted and C501G-1E types added
Table with literature hints added
Pin configuration logic symbol for pins EA/Vpp and ALE/PROG updated
Pin description for ALE/PROG and EA/Vpp completed
Port 1, 3, 2 pin description: “bidirectional” replaced by “quasi-
bidirectional”
Block diagram updated for C501G-1E
New design of register (PSW) description
“Memory organization” added
Actualized design of the SFR tables
Reset value of T2CON corrected
Description for the C501-1E OTP version added
DC characteristics for C501-1E added
Timing “External Clock Drive” now behind “Data Memory Cycle”
AC characteristics for C501-1E added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com