Electronic Components Datasheet Search
  English  ▼

X  

C501 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # C501
Description  8-Bit CMOS Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C501 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button C501 Datasheet HTML 40Page - Infineon Technologies AG C501 Datasheet HTML 41Page - Infineon Technologies AG C501 Datasheet HTML 42Page - Infineon Technologies AG C501 Datasheet HTML 43Page - Infineon Technologies AG C501 Datasheet HTML 44Page - Infineon Technologies AG C501 Datasheet HTML 45Page - Infineon Technologies AG C501 Datasheet HTML 46Page - Infineon Technologies AG C501 Datasheet HTML 47Page - Infineon Technologies AG C501 Datasheet HTML 48Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Semiconductor Group
45
1997-04-01
C501
Figure 19
AC Testing: Input, Output Waveforms
Figure 20
AC Testing: Float Waveforms
Figure 21
Recommended Oscillator Circuits
0.45 V
V
CC
0.2
-0.1
+0.9
0.2
CC
V
Test Points
MCT00039
V
CC -0.5 V
AC Inputs during testing are driven at
V
CC – 0.5 V for a logic ‘1’ and 0.45 V for a logic ‘0’. Timing
measurements are made at
V
IHmin for a logic ‘1’ and VILmax for a logic ‘0’.
MCT00038
V
Load
V
Load
-0.1 V
+0.1 V
Load
V
Timing Reference
Points
V
OH
-0.1 V
+0.1 V
OL
V
For timing purposes a port pin is no longer floating when a 100 mV change from load voltage
occurs and begins to float when a 100 mV change from the loaded
V
OH / VOL level occurs.
I
OL / IOH ≥ ± 20 mA.
MCS02452
XTAL1
XTAL2
XTAL2
XTAL1
Crystal Oscillator Mode
Driving from External Source
External Oscillator
Signal
N.C.
20 pF
3.5 - 40 MHz
C =
pF
10
(incl. stray capacitance)
P-LCC-44/Pin 20
P-DIP-40/Pin 18
M-QFP-44/Pin 14
M-QFP-44/Pin 15
P-DIP-40/Pin 19
P-LCC-44/Pin 21
M-QFP-44/Pin 14
P-DIP-40/Pin 18
P-LCC-44/Pin 20
P-LCC-44/Pin 21
P-DIP-40/Pin 19
M-QFP-44/Pin 15
C
C
Note: During programming and verification of the C501-1E OTP memory
a clock signal of 4-6 MHz must be applied to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com