Electronic Components Datasheet Search
  English  ▼

X  

PEF2256 Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 78Page - Infineon Technologies AG PEF2256 Datasheet HTML 79Page - Infineon Technologies AG PEF2256 Datasheet HTML 80Page - Infineon Technologies AG PEF2256 Datasheet HTML 81Page - Infineon Technologies AG PEF2256 Datasheet HTML 82Page - Infineon Technologies AG PEF2256 Datasheet HTML 83Page - Infineon Technologies AG PEF2256 Datasheet HTML 84Page - Infineon Technologies AG PEF2256 Datasheet HTML 85Page - Infineon Technologies AG PEF2256 Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 518 page
background image
FALC
®56
PEF 2256 H/E
Functional Description E1
User’s Manual
82
DS1.1, 2003-10-23
Hardware Description
from one multiframe to the next. Additionally the FALC
®56 generates a receive signaling
data change pointer (RSP1/2) which directly points to the updated RS(16:1) register.
Because the CAS controller is working on the PCM highway side of the receive buffer,
slips disturb the CAS data.
4.2
Framer Operating Modes (E1)
4.2.1
General
Bit: FMR1.PMOD = 0
PCM line bit rate
:
2.048 Mbit/s
Single frame length
:
256 bit, No. 1…256
Framing frequency
:
8 kHz
HDLC controller
:
n
× 64 kbit/s, n = 1 to 32 or n× 4 kbit/s, n = 1 to 5
Organization
:
32 time slots, No. 0…31
with 8 bits each, No. 1…8
The operating mode of the FALC
®56 is selected by programming the carrier data rate
and characteristics, line code, multiframe structure, and signaling scheme.
The FALC
®56 implements all of the standard framing structures for E1 or PCM 30
(CEPT, 2.048 Mbit/s) carriers. The internal HDLC or CAS controller supports all
signaling procedures including signaling frame synchronization/synthesis and signaling
alarm detection in all framing formats. The time slot assignment from the PCM line to the
system highway and vice versa is performed without any changes of numbering (TS0
↔
TS0, …, TS31
↔ TS31).
Summary of E1 Framing Modes
•
Doubleframe format according to ITU-T G. 704
•
Multiframe format according to ITU-T G. 704
•
CRC4 processing according to ITU-T G. 706
•
Multiframe format with CRC4 to non CRC4 interworking according to ITU-T G. 706
•
Multiframe format with modified CRC4 to non CRC4 interworking
•
Multiframe format with CRC4 performance monitoring
After reset, the FALC
®56 is switched into doubleframe format automatically. Switching
between the framing formats is done by programming bits FMR2.RFS1/0 and
FMR3.EXTIW for the receiver and FMR1.XFS for the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com