Electronic Components Datasheet Search
  English  ▼

X  

PEF2256 Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 89Page - Infineon Technologies AG PEF2256 Datasheet HTML 90Page - Infineon Technologies AG PEF2256 Datasheet HTML 91Page - Infineon Technologies AG PEF2256 Datasheet HTML 92Page - Infineon Technologies AG PEF2256 Datasheet HTML 93Page - Infineon Technologies AG PEF2256 Datasheet HTML 94Page - Infineon Technologies AG PEF2256 Datasheet HTML 95Page - Infineon Technologies AG PEF2256 Datasheet HTML 96Page - Infineon Technologies AG PEF2256 Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 518 page
background image
FALC
®56
PEF 2256 H/E
Functional Description E1
User’s Manual
93
DS1.1, 2003-10-23
Hardware Description
4.3
Additional Receive Framer Functions (E1)
4.3.1
Error Performance Monitoring and Alarm Handling
Alarm Indication Signal: Detection and recovery is flagged by bit FRS0.AIS and
ISR2.AIS. Transmission is enabled by bit FMR1.XAIS.
Loss-Of-Signal: Detection and recovery is flagged by bit FRS0.LOS and ISR2.LOS.
Remote Alarm Indication: Detection and release is flagged by bit FRS0.RRA, RSW.RRA
and ISR2.RA/RAR. Transmission is enabled by bit XSW.XRA.
AIS in time slot 16: Detection and release is flagged by bit FRS1.TS16AIS and
ISR3.AIS16. Transmission is enabled by writing all ones in registers XS(16:1).
LOS in time slot 16: Detection and release is flagged by bit FRS1.TS16LOS.
Transmission is enabled by writing all zeros in registers XS(16:1).
Remote Alarm in time slot 16: Detection and release is flagged by bit FRS1.TS16RA and
ISR3.RA16. Transmission is enabled by bit XS1.2.
Transmit Line Shorted: Detection and release is flagged by bit FRS1.XLS and
ISR1.XLSC.
Transmit Ones-Density: Detection and release is flagged by bit FRS1.XLO and
ISR1.XLSC.
Table 21
Summary of Alarm Detection and Release (E1)
Alarm
Detection Condition
Clear Condition
Loss-Of-Signal
(LOS)
No transitions (logical
zeros) in a programmable
time interval of 16 to 4096
consecutive pulse periods.
Programmable receive
input signal threshold
Programmable number of ones (1
to 256) in a programmable time
interval of 16 to 4096 consecutive
pulse periods. A one is a signal
with a level above the
programmed threshold.
Alarm Indication
Signal (AIS)
FMR0.ALM = 0:
less than 3 zeros in
250 µs and loss of frame
alignment declared
FMR0.ALM = 1:
less than 3 zeros in
each of two consecutive
250-µs periods
FMR0.ALM = 0:
more than 2 zeros in
250 µs
FMR0.ALM = 1:
more than 2 zeros in each of two
500-µs periods
Remote Alarm
(RRA)
Bit 3 = 1 in time slot 0 not
containing the FAS word
Set conditions no longer
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com