Electronic Components Datasheet Search
  English  ▼

X  

PEF2256 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 85Page - Infineon Technologies AG PEF2256 Datasheet HTML 86Page - Infineon Technologies AG PEF2256 Datasheet HTML 87Page - Infineon Technologies AG PEF2256 Datasheet HTML 88Page - Infineon Technologies AG PEF2256 Datasheet HTML 89Page - Infineon Technologies AG PEF2256 Datasheet HTML 90Page - Infineon Technologies AG PEF2256 Datasheet HTML 91Page - Infineon Technologies AG PEF2256 Datasheet HTML 92Page - Infineon Technologies AG PEF2256 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 518 page
background image
FALC
®56
PEF 2256 H/E
Functional Description E1
User’s Manual
89
DS1.1, 2003-10-23
Hardware Description
frame alignment) is established, a 400-ms timer and searching for multiframe alignment
are started. A research for basic frame alignment is initiated if the CRC4 multiframe
synchronization cannot be achieved within 8 ms and is started just after the previous
frame alignment signal. The research of the basic frame alignment is done in parallel and
is independent of the synchronization procedure of the primary basic frame alignment
signal. During the parallel search all receiver functions are based on the primary frame
alignment signal, like framing errors, S
a-, Si-, A-bits, …). All subsequent multiframe
searches are associated with each basic framing sequence found during the parallel
search.
If the CRC4 multiframe alignment sequence was not found within the time interval of
400 ms, the receiver is switched into a non-CRC4 mode indicated by setting the bit
FRS0.NMF (No Multiframing Found) and ISR2.T400MS. In this mode checking of CRC
bits is disabled and the received E-bits are forced to low. The transmitter framing format
is not changed. Even if multiple basic FAS resynchronizations have been established
during the parallel search, the receiver is maintained to the initially determined primary
frame alignment signal location.
However, if the CRC4-multiframe alignment can be achieved within the 400 ms time
interval assuming a CRC4-to-CRC4 interworking, then the basic frame alignment
sequence associated to the CRC4 multiframe alignment signal is chosen. If necessary,
the primary frame alignment signal location is adjusted according to the multiframe
alignment signal. The CRC4 performance monitoring is started if enabled by
FMR2.ALMF and the received E-bits are processed in accordance to ITU-T G.704.
Switching into the doubleframe format (non-CRC4) mode after 400 ms can be disabled
by setting of FMR3.EXTIW. In this mode the FALC
®56 continues to search for
multiframing. In the interworking mode setting of bit FMR1.AFR is not allowed.
4.2.3.6
A-Bit Access (E1)
If the FALC
®56 detects a remote alarm indication (bit 2 in TS0 not containing the FAS
word) in the received data stream the interrupt status bit ISR2.RA is set. With the
deactivation of the remote alarm the interrupt status bit ISR2.RAR is generated.
By setting FMR2.AXRA the FALC
®56 automatically transmits the remote alarm bit = 1 in
the outgoing data stream if the receiver detects a loss of frame alignment
(FRS0.LFA = 1). If the receiver is in synchronous state (FRS0.LFA = 0), the remote
alarm bit is reset in the outgoing data stream.
Additionally, if bit FMR3.EXTIW is set and the multiframe synchronous state cannot be
achieved within 400 ms after finding the primary basic framing, the A-bit is transmitted
active high to the remote end until the multiframing is found.
Note: The A-bit can be processed by the system interface. Setting bit TSWM.TRA
enables transparency for the A-bit in transmit direction (refer to Table 19).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com