Electronic Components Datasheet Search
  English  ▼

X  

PEF2256 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 26Page - Infineon Technologies AG PEF2256 Datasheet HTML 27Page - Infineon Technologies AG PEF2256 Datasheet HTML 28Page - Infineon Technologies AG PEF2256 Datasheet HTML 29Page - Infineon Technologies AG PEF2256 Datasheet HTML 30Page - Infineon Technologies AG PEF2256 Datasheet HTML 31Page - Infineon Technologies AG PEF2256 Datasheet HTML 32Page - Infineon Technologies AG PEF2256 Datasheet HTML 33Page - Infineon Technologies AG PEF2256 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 518 page
background image
FALC
®56
PEF 2256 H/E
External Signals
User’s Manual
30
DS1.1, 2003-10-23
Hardware Description
Table 2
Pin Definitions - Line Interface
Pin or
Ball No.
Name
Pin
Type
Buffer
Type
Function
3 (C2)
RL1
I
analog Line Receiver Input 1
Analog input from the external transformer.
Selected by LIM1.DRS = 0.
RDIP
I
digital
Receive Data Input Positive
Digital input for received dual-rail PCM(+)
route signal which is latched with the
internally recovered receive route clock. An
internal DPLL extracts the receive route clock
from the incoming data pulses. The duty cycle
of the received signal has to be close to 50%.
The dual-rail mode is selected if
LIM1.DRS = 1
B and FMR0.RC1 = 1B.
Input polarity is selected by bit RC0.RDIS
(active low by default), line coding is selected
by FMR0.RC(1:0).
ROID
I
digital
Receive Optical Interface Data
Unipolar data received from a fiber-optical
interface. Latching of data is done with the
falling edge of RCLKI. Input polarity is
selected by bit RC0.RDIS.
The single-rail mode is selected if
LIM1.DRS = 1
B and FMR0.RC1 = 0B.
If CMI coding is selected
(FMR0.RC(1:0) = 01
B), an internal DPLL
recovers clock and data, no clock signal on
RCLKI is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com