Electronic Components Datasheet Search
  English  ▼

X  

PEF2256 Datasheet(PDF) 96 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 96 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 92Page - Infineon Technologies AG PEF2256 Datasheet HTML 93Page - Infineon Technologies AG PEF2256 Datasheet HTML 94Page - Infineon Technologies AG PEF2256 Datasheet HTML 95Page - Infineon Technologies AG PEF2256 Datasheet HTML 96Page - Infineon Technologies AG PEF2256 Datasheet HTML 97Page - Infineon Technologies AG PEF2256 Datasheet HTML 98Page - Infineon Technologies AG PEF2256 Datasheet HTML 99Page - Infineon Technologies AG PEF2256 Datasheet HTML 100Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 518 page
background image
FALC
®56
PEF 2256 H/E
Functional Description E1
User’s Manual
96
DS1.1, 2003-10-23
Hardware Description
an external second timer is possible which has to be provided on pin SEC/FSC.
Selecting the external second timer is done with GCR.SES. Refer also to register GPC1
for input/output selection.
4.3.6
In-Band Loop Generation and Detection
The FALC
®56 generates and detects a framed or unframed in-band loop-up (activate)
and loop-down (deactivate) pattern with bit error rates up to 10
-2. Framed or unframed
in-band loop code is selected by LCR1.FLLB. Replacing transmit data with the in-band
loop codes is done by programming FMR3.XLD/XLU.
The FALC
®56 also offers the ability to generate and detect a flexible in-band loop-up and
loop-down pattern (LCR1.LLBP = 1). The loop-up and loop-down pattern is individually
programmable from 2 to 8 bits in length (LCR1.LAC1/0 and LCR1.LDC1/0).
Programming of loop codes is done in registers LCR2 and LCR3.
Status and interrupt status bits inform the user whether loop-up or loop-down code has
been detected.
4.3.7
Time Slot 0 Transparent Mode
The transparent modes are useful for loop-backs or for routing data unchanged through
the FALC
®56.
In receive direction, transparency for ternary or dual-/single-rail unipolar data is always
achieved if the receiver is in the synchronous state. In asynchronous state data is
transparently switched through if bit FMR2.DAIS is set. However, correct time slot
assignment cannot be guaranteed due to missing frame alignment between line and
system side.
Setting of bit LOOP.RTM disconnects control of the internal elastic store from the
receiver. The elastic buffer is now in a “free running” mode without any possibility to
update the time slot assignment to a new frame position in case of resynchronization of
the receiver. Together with FMR2.DAIS this function can be used to realize undisturbed
transparent reception.
Transparency in transmit direction can be achieved by activating the time slot 0
transparent mode (bit XSP.TT0 or TSWM.(7:0)). If XSP.TT0 = 1 all internal information
of the FALC
®56 (framing, CRC, S
a/Si-bit signaling, remote alarm) is ignored. With
register TSWM the S
i-bits, A-bit or the Sa-bits can be enabled selectively to send data
transparently from port XDI to the far end. For complete transparency the internal
signaling controller, idle code generation and AIS alarm generation, single channel and
payload loop-back have to be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com