Electronic Components Datasheet Search
  English  ▼

X  

PEF2256 Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # PEF2256
Description  E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
PDF  518 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2256 Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button PEF2256 Datasheet HTML 90Page - Infineon Technologies AG PEF2256 Datasheet HTML 91Page - Infineon Technologies AG PEF2256 Datasheet HTML 92Page - Infineon Technologies AG PEF2256 Datasheet HTML 93Page - Infineon Technologies AG PEF2256 Datasheet HTML 94Page - Infineon Technologies AG PEF2256 Datasheet HTML 95Page - Infineon Technologies AG PEF2256 Datasheet HTML 96Page - Infineon Technologies AG PEF2256 Datasheet HTML 97Page - Infineon Technologies AG PEF2256 Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 518 page
background image
FALC
®56
PEF 2256 H/E
Functional Description E1
User’s Manual
94
DS1.1, 2003-10-23
Hardware Description
4.3.2
Auto Modes
4.3.2.1
Automatic Remote Alarm Access
If the receiver has lost its synchronization a remote alarm can be sent automatically, if
enabled by bit FMR2.AXRA to the distant end. The remote alarm bit is set automatically
in the outgoing data stream, if the receiver is in asynchronous state (FRS0.LFA bit is set).
In synchronous state the remote alarm bit is removed.
4.3.2.2
Automatic E-bit Access
By setting bit XSP.AXS status information of received submultiframes is automatically
inserted at the E-bit position of the outgoing CRC Multiframe without any further
interventions of the microprocessor.
4.3.2.3
Automatic AIS to System Interface
In asynchronous state the synchronizer enforces an AIS to the receive system interface
automatically. However, received data can be switched through transparently, if bit
FMR2.DAIS is set.
Remote Alarm in
time slot 16 (TS16RA)
Y-bit = 1 received in CAS
multiframe alignment word
Y-bit = 0 received in CAS
multiframe alignment word
Loss-of-Signal in
time slot 16
(TS16LOS)
All zeros for at least 16
consecutively received time
slots 16
Receiving a one in
time slot 16
Alarm Indication
Signal in time slot 16
(TS16AIS)
Time slot 16 containing less
than 4 zeros in each of two
consecutive CAS
multiframes periods
Time slot 16 containing more than
3 zeros in one CAS multiframe
Transmit Line Short
(XLS)
More than 3 pulse periods
with highly increased
transmit line current on
XL1/2
Transmit line current limiter
inactive
Transmit
Ones-Density
(XLO)
32 consecutive zeros in the
transmit data stream on
XL1/2
Cleared with each transmitted
pulse
Table 21
Summary of Alarm Detection and Release (E1) (cont’d)
Alarm
Detection Condition
Clear Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com