Electronic Components Datasheet Search
  English  ▼

X  

VX6854LC Datasheet(PDF) 81 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 81 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 77Page - STMicroelectronics VX6854LC Datasheet HTML 78Page - STMicroelectronics VX6854LC Datasheet HTML 79Page - STMicroelectronics VX6854LC Datasheet HTML 80Page - STMicroelectronics VX6854LC Datasheet HTML 81Page - STMicroelectronics VX6854LC Datasheet HTML 82Page - STMicroelectronics VX6854LC Datasheet HTML 83Page - STMicroelectronics VX6854LC Datasheet HTML 84Page - STMicroelectronics VX6854LC Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
DocID027110 Rev 2
81/114
VX6854LC
Application
102
9
Application
9.1
Schematic
Figure 30. Mobile camera application
1.
CCP 100R termination may be internal to subLVDS receiver (for example, STV0986).
2.
No external supply decoupling capacitors are required as the necessary components are integrated into
the module.
VX6854LC
1.8V
EXTCLK
DATA+
CLK-
GND
SCL
SDA
1.8V
External Clock
Power Down Signal
100R
100R
4.7k
XSHUTDOWN
DATA-
CLK+
SubLVDS Data
SubLVDS Clock
CCI Control Lines
VDIG
VCAP
2.8V
VANA
VCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com