Electronic Components Datasheet Search
  English  ▼

X  

VX6854LC Datasheet(PDF) 1 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 1 Page - STMicroelectronics

  VX6854LC Datasheet HTML 1Page - STMicroelectronics VX6854LC Datasheet HTML 2Page - STMicroelectronics VX6854LC Datasheet HTML 3Page - STMicroelectronics VX6854LC Datasheet HTML 4Page - STMicroelectronics VX6854LC Datasheet HTML 5Page - STMicroelectronics VX6854LC Datasheet HTML 6Page - STMicroelectronics VX6854LC Datasheet HTML 7Page - STMicroelectronics VX6854LC Datasheet HTML 8Page - STMicroelectronics VX6854LC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
This is information on a product in full production.
September 2015
DocID027110 Rev 2
1/114
VX6854LC
QXGA EDOF camera module
Datasheet
- production data
Features
• 3.15 megapixel resolution sensor (2048 x1536)
• Extended Depth of Field (EDOF)
• Compact size: 6.5 x 6.5 x 4.6mm
• SMIA Profile 2 compliant
• MIPI(a) CSI-2 (v0.9 D-PHY) and SMIA CCP2
video data interface
• CCI command interface 100 KHz up to
400 KHz
• 2.8V (analog) / 1.8V (digital) operation
• Integral EMC shielding
• Binning mode (2x2)
• Defect correction
• 4-channel lens shading correction
Description
The VX6854LC 3 megapixel camera module is
designed to be used for high quality still camera
function and also supports video modes. The
camera silicon device is SMIA 1.0 profile 2
compliant and is capable of generating raw bayer
3 Mpixel images up to 20 fps. The VX6854LC
supports the CCI control and CCP 2.0 and CSI-2
data interfaces.
The module design is optimized for both footprint
and height. The module provides excellent image
quality at focus distances from less than 50 cm to
infinity.
VX6854LC offers an ultra low power consumption
hardware standby mode consuming less than
50
μW (typical).
A separate hardware accelerator (STV0987)
device can be incorporated in the phone system
to run the associated image processing
algorithms in hardware where the baseband
cannot support this processing load.
a.
Copyright
MIPI alliance standard for camera serial
interface 2v1.0 and MIPI alliance specification D-PHY
v 0.9
Table 1.
Device summary
Order code
Package
Packing
VX6854LCQ05I/1
SMIA65
Tape and reel
www.st.com


Similar Part No. - VX6854LC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
VX6852Q038/T2 STMICROELECTRONICS-VX6852Q038/T2 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
More results

Similar Description - VX6854LC

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CAM-G95 MITSUMI-CAM-G95 Datasheet
633Kb / 2P
Camera Module Connectors
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
Camera module
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
STMicroelectronics
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
3.2 Megapixel QXGA camera module with auto focus
12-Jan-2007
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
VB6871 STMICROELECTRONICS-VB6871 Datasheet
102Kb / 4P
QXGA camera module with auto-focus
25-Mar-2008
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
logo
List of Unclassifed Man...
UCAM-II ETC2-UCAM-II Datasheet
1Mb / 22P
Serial Camera Module
logo
STMicroelectronics
VX6953CB STMICROELECTRONICS-VX6953CB Datasheet
3Mb / 107P
5.1 megapixel EDOF camera module
05-Mar-2013
logo
LG Semicon Co.,Ltd.
LP079QX1 LG-LP079QX1 Datasheet
4Mb / 28P
7.85 QXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com