| Electronic Components Datasheet Search |
|
VX6854LC Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 114 page ![]() Functional description VX6854LC 24/114 DocID027110 Rev 2 Figure 9. VX6854LC power-down sequence for CSI-2 mode EXTCLK (Free running) EXTCLK (Gated) SDA SCL CLKP/- DATAP/- EXTCLK may be free running or gated Configure device t8 STREAMING LP11 High-Speed TX t12 t11 VDIG XSHUTDOWN POWER-OFF HW- STANDBY High-Speed TX Stop streaming t9 VANA SW_STANDBY This is an example of VANA falling after VDIG LP11 t10 ULPS ULPS ULPS ULPS Undefined (power is OFF) Undefined (power is OFF) LP00 LP00 |