Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
STROBE
TX1/TORCH
Timeout
Duration
Configuration Register 2 bit [2] = 1 (AET)
(STROBE goes high before TX1)
ITORCH
I
FLASH
ILED
STROBE
TX1/TORCH
Timeout
Duration
Configuration Register 2 bit [2] = 1 (AET)
(TX1/TORCH pin goes high first. When STROBE pin
goes high, LEDs will turn on into Torch. Timeout
counter and flash pulse will not start until TX1/TORCH
goes low)
ILED
IFLASH
ITORCH
STROBE
ENVM/TX2
Timeout
Duration
I2C Torch
Command
Configuration Register 1 bit 5 (ENVM/TX2) = 1
Configuration Register 1 bit 6 (ENVM/TX2) = 0
(ENVM/TX2 is configured as an active low transmit interrupt)
ILED
ITORCH
IFLASH
19
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 34. ENVM/TX2 Pin is Configured as an Active Low TX Input
Figure 35. Alternative External Torch Mode (TX1/Torch Turns on Before Strobe)
Figure 36. Alternative External Torch Mode
(Strobe Goes High Before TX1/Torch, Same As Default With SEM = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com