Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 11Page - Texas Instruments LM3554 Datasheet HTML 12Page - Texas Instruments LM3554 Datasheet HTML 13Page - Texas Instruments LM3554 Datasheet HTML 14Page - Texas Instruments LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
15
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.9 ENVM/TX2/GPIO2
The ENVM/TX2/GPIO2/INT pin has four functions. In ENVM mode (Configuration Register 1 bit [5] = 0), the
ENVM/TX2/GPIO2/INT pin is an active high logic input that forces the LM3554 into voltage-output mode. In TX2
mode (Configuration Register 1 bit [5] = 1), the ENVM/TX2/GPIO2/INT pin is a Power Amplifier Synchronization
input that forces the LM3554 from Flash mode into Torch mode. In GPIO2 mode (GPIO Register Bit [3] = 1) the
ENVM/TX2/GPIO2/INT pin is configured as a general purpose logic input/output and controlled via bits[3:5] of the
GPIO Register. In INT mode the ENVM/TX2/GPIO2/INT pin is a hardware interrupt output which pulls low when
the LM3554 is in NTC mode, and the voltage at LEDI/NTC falls below VTRIP.
In TX2 mode, when Configuration Register 1 bit [6] = 0 the ENVM/TX2/GPIO2 pin is an active low transmit
interrupt input. Under this condition, when the LM3554 is engaged in a flash event, and ENVM/TX2/GPIO2 is
pulled low, both LED1 and LED2 are forced into either torch mode or LED shutdown depending on the logic state
of Configuration Register 2 bit [0]. In TX2 mode with Configuration Register 1 bit [6] = 1, the ENVM/TX2/GPIO2
pin is an active high transmit interrupt. Under this condition when the LM3554 is engaged in a Flash event, and
the TX2 pin is driven high, both LED1 and LED2 are forced into torch mode or LED shutdown, depending on the
logic state of Configuration Register 2 bit [0]. After a TX2 event, if the ENVM/TX2/GPIO2 pin is disengaged, and
the TX2 Shutdown bit is set to force Torch mode, the LED current ramps back to the previous Flash current
level. If the TX2 shutdown bit is programmed to force LED shutdown upon a TX2 event the Flags Register must
be read to resume normal LED operation. Table 5, Figure 33, and Figure 34 detail the Functionality of the
ENVM/TX2 input.
7.3.9.1 ENVM/TX2/GPIO2/INT as an Interrupt Output
In GPIO2 mode the ENVM/TX2/GPIO2 pin can be made to reflect the inverse of the LED Thermal Fault flag
(bit[5] in the Flags Register). To configure the LM3554 for this feature:
set GPIO Register Bit [6] = 1 (NTC External Flag)
set GPIO Register Bit [3] = 1 (GPIO2 mode)
set GPIO Register Bit [4] = 1 (GPIO2 is an output)
set Configuration Register 1 Bit [3] = 1 (NTC mode)
When the voltage at the LEDI/NTC pin falls below VTRIP (1.05 V typical), the LED Thermal Fault Flag (bit [5] in
the Flags Register) is set, and the ENVM/TX2/GPIO2/INT pin is forced low. In this mode the interrupt can only be
reset to the open-drain state by reading back the Flags register.
7.3.10 Indicator LED/Thermistor (LEDI/NTC)
The LEDI/NTC pin serves a dual function: either as an LED indicator driver or as a threshold detector for a
negative temperature coefficient (NTC) thermistor.
7.3.10.1 LED Indicator Mode (LEDI)
LEDI/NTC is configured as an LED indicator driver by setting Configuration Register 1 bit [3] = (0) and Torch
Brightness Register bits [1:0] = (0, 1), or Flash Brightness Register bits [1:0] = (0, 1). In Indicator mode there are
4 different current levels available (2.3 mA, 4.6 mA, 6.9 mA, 8.2 mA). Bits [7:6] of the Torch Brightness Register
set the 4 different indicator current levels. The LEDI current source has a 1-V typical headroom voltage.
7.3.10.2 Thermal Comparator Mode (NTC)
Writing a 1 to Configuration Register 1 bit [3] disables the indicator current source and configures the LEDI/NTC
pin as a detector for an NTC thermistor. In this mode LEDI/NTC becomes the negative input of an internal
comparator with the positive input internally connected to a reference (VTRIP = 1.05 V typical). Additionally,
Configuration Register 2 bit [1] determines the action the device takes if the voltage at LEDI/NTC falls below
VTRIP (while the device is in NTC mode). With the Configuration Register 2 bit [1] = 0, the LM3554 is forced into
torch mode when the voltage at LEDI/NTC falls below VTRIP. With the Configuration Register 2 bit [1] = 1 the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com