Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
where
IN
IN
OUT
(
)
- V
V
x
V
L =
I
'
OUT
SW
V
x
L
x
f
x
2
I
+
x
R
=
V
L
ESR
ESR
'
'
V
x
I
OUT
LED
VIN
¹
·
©
§
Q =
V
'
(
)
IN
OUT
LED
- V
V
x
I
OUT
OUT
SW
C
x
V
x
f
30
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Output Capacitor Selection
The LM3554 is designed to operate with a at least a 4.7-µF ceramic output capacitor in LED mode and a 10-µF
output capacitor in voltage-output mode. When the boost converter is running the output capacitor supplies the
load current during the boost converters on-time. When the NMOS switch turns off the inductor energy is
discharged through the internal PMOS switch supplying power to the load and restoring charge to the output
capacitor. This causes a sag in the output voltage during the on time and a rise in the output voltage during the
off time. The output capacitor is therefore chosen to limit the output ripple to an acceptable level depending on
load current and input/output voltage differentials and also to ensure the converter remains stable.
For proper LED operation the output capacitor must be at least a 4.7-µF ceramic (10-µF in voltage-output mode).
Larger capacitors such as 10 µF or 22 µF can be used if lower output voltage ripple is desired. To estimate the
output voltage ripple considering the ripple due to capacitor discharge (
ΔVQ) and the ripple due to equivalent
series resistance (ESR) of the capacitor (
ΔVESR) use Equation 1 and Equation 2:
For continuous conduction mode, the output voltage ripple due to the capacitor discharge is:
(1)
The output voltage ripple due to the output capacitors ESR is found by:
(2)
In ceramic capacitors the ESR is very low, thus the assumption is that that 80% of the output voltage ripple is
due to capacitor discharge and 20% from ESR. Table 12 lists different manufacturers for various output
capacitors and their case sizes suitable for use with the LM3554.
8.2.2.2 Input Capacitor Selection
Choosing the correct size and type of input capacitor helps minimize the voltage ripple caused by the device
boost converter switching and reduces noise on the devices input terminal that can feed through and disrupt
internal analog signals. In the Figure 41 a 4.7-µF ceramic input capacitor works well. It is important to place the
input capacitor as close to the device input (IN) terminals as possible. This reduces the series resistance and
inductance that can inject noise into the device due to the input switching currents. Table 12 lists various input
capacitors that or recommended for use with the LM3554.
Table 12. Recommended Input/Output Capacitors (X5R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE (mm)
VOLTAGE RATING
TDK Corporation
C1608JB0J475K
4.7 µF
0603 (1.6 × 0.8 × 0.8 )
6.3 V
TDK Corporation
C1608JB0J106M
10 µF
0603 (1.6 × 0.8 × 0.8 )
6.3 V
TDK Corporation
C2012JB1C475K
4.7 µF
0805 (2 ×1.25 ×1.25)
16 V
TDK Corporation
C2012JB1A106M
10 µF
0805 (2 ×1.25 ×1.25)
10 V
TDK Corporation
C2012JB0J226M
22 µF
0805 (2 ×1.25 ×1.25)
6.3 V
Murata
GRM188R60J475KE19
4.7 µF
0603 (1.6 × 0.8 × 0.8 )
6.3 V
Murata
GRM21BR61C475KA88
4.7 µF
0805 (2 ×1.25 ×1.25)
16 V
Murata
GRM21BR61A106KE19
10 µF
0805 (2 ×1.25 ×1.25)
10 V
Murata
GRM21BR60J226ME39L
22 µF
0805 (2 ×1.25 ×1.25)
6.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com