Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments LM3554 Datasheet HTML 10Page - Texas Instruments LM3554 Datasheet HTML 11Page - Texas Instruments LM3554 Datasheet HTML 12Page - Texas Instruments LM3554 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 3.6 V, LEDs are Lumiled PWF-4, COUT = 10 µF, CIN = 4.7 µF, L = FDSE0312-2R2 (2.2 µH, RL = 0.15 Ω), TA = 25°C,
unless otherwise specified.
(1)
The typical curve for Current Limit is measured in closed loop using the Typical Application Circuit by increasing IOUT until the peak
inductor current stops increasing. The value given in Electrical Characteristics is measured open loop and is found by forcing current
into SW until the current limit comparator threshold is reached. Closed loop data appears higher due to the delay between the
comparator trip point and the NFET turning off. This delay allows the closed-loop inductor current to ramp higher after the trip point by
approximately 20 ns × VIN / L.
VLED = 1.5 V
Figure 14. Active (Non-Switching) Supply Current vs VIN
VOUT = 5 V
IOUT = 400 mA
Figure 15. Active (Switching) Supply Current vs VIN
Figure 16. Closed Loop Current Limit vs VIN
(Flash Duration Register Bits [6:5] = 00)(1))
Figure 17. Closed Loop Current Limit vs VIN
(Flash Duration Register Bits [6:5] = 01)(1) )
Figure 18. Closed Loop Current Limit vs VIN
(Flash Duration Register Bits [6:5] = 10)(1))
Figure 19. Closed Loop Current Limit vs VIN
(Flash Duration Register Bits [6:5] = 11)(1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com