Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 36Page - Texas Instruments LM3554 Datasheet HTML 37Page - Texas Instruments LM3554 Datasheet HTML 38Page - Texas Instruments LM3554 Datasheet HTML 39Page - Texas Instruments LM3554 Datasheet HTML 40Page - Texas Instruments LM3554 Datasheet HTML 41Page - Texas Instruments LM3554 Datasheet HTML 42Page - Texas Instruments LM3554 Datasheet HTML 43Page - Texas Instruments LM3554 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
4.5 mm
5.1 mm
40
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The high frequency and large switching currents of the LM3554 make the choice of layout important. Use the
following steps as a reference to ensure the device is stable and maintains proper voltage and current regulation
across its intended operating voltage and current range.
1. Place CIN on the top layer (same layer as the LM3554) and as close to the device as possible. The input
capacitor conducts the driver currents during the low-side MOSFET turnon and turnoff and can see current
spikes over 1 A in amplitude. Connecting the input capacitor through short wide traces on both the IN and
GND terminals reduces the inductive voltage spikes that occur during switching and which can corrupt the
VIN line.
2. Place COUT on the top layer (same layer as the LM3554) and as close to the OUT and GND pins as possible.
The returns for both CIN and COUT must come together at one point, and as close to the GND pin as
possible. Connecting COUT through short wide traces reduces the series inductance on the OUT and GND
pins that can corrupt the VOUT and GND lines and cause excessive noise in the device and surrounding
circuitry.
3. Connect the inductor on the top layer close to the SW pin. There must be a low impedance connection from
the inductor to SW due to the large DC inductor current, and at the same time the area occupied by the SW
node must be small to reduce the capacitive coupling of the high dV/dt present at SW that can couple into
nearby traces.
4. Avoid routing logic traces near the SW node to avoid any capacitively coupled voltages from SW onto any
high-impedance logic lines such as TX1/TORCH/GPIO1, ENVM/TX2/GPIO2, HWEN, LEDI/NTC (NTC
mode), SDA, and SCL. A good approach is to insert an inner layer GND plane underneath the SW node and
between any nearby routed traces. This creates a shield from the electric field generated at SW.
5. Terminate the flash LED cathodes directly to the GND pin of the device. If possible, route the LED returns
with a dedicated path to keep the high amplitude LED currents out the GND plane. For flash LEDs that are
routed relatively far away from the device, a good approach is to sandwich the forward and return current
paths over the top of each other on two layers. This helps reduce the inductance of the LED current paths.
6. The NTC thermistor is intended to have its return path connected to the LED cathode. This allows the
thermistor resistive divider voltage (VNTC) to trip the comparators threshold as VNTC is falling. Additionally, the
thermistor-to-LED cathode junction can have low thermal resistivity because both the LED and the thermistor
are electrically connected at GND. The drawback is that the thermistor return detects the switching currents
from the boost converter of the LM3554. Because of this, it is necessary to have a filter capacitor at the NTC
pin which terminates close to the device GND and which can conduct the switched currents to GND.
10.2 Layout Example
Figure 66. LM3554 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com