Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
N/A
Bit 7
Bit 6
MSB
LSB
Flash Duration Register
Register Address 0xC0
CL1
CL0
T4
T3
T2
T1
T0
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
STR
Bit 7
Bit 6
MSB
LSB
Flash Brightness Register
Register Address 0xB0
FC3
FC2
FC1
FC0
VM
EN1
EN0
24
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table 2. Torch Brightness Register Bit Settings
Bit 7 (IND1)
Bit 6 (IND0)
Bit 5 (TC2)
Bit 4 (TC1)
Bit 3 (TC0)
Bit 2 (VM)
Bit 1 (EN1)
Bit 0 (EN0)
Indicator Current Select Bits
00 = 2.3 mA
01 = 4.6 mA (default state)
10 = 6.9 mA
11 = 8.2 mA
Torch Current Select Bits
000 = 17 mA (34 mA total)
001 = 35.5 mA (71 mA total)
010 = 54 mA (108 mA total) default state
011 = 73 mA (146mA total)
100 = 90 mA (180mA total)
101 = 109 mA (218 mA total)
110 = 128 mA (256 mA total)
111 = 147.5 mA (295 mA total)
Enable Bits
000 = Shutdown (default)
001 = Indicator Mode
010 = Torch Mode
011 = Flash Mode (bits reset at timeout)
100 = voltage-output mode
101 = Voltage Output + Indicator Mode
110 = Voltage Output + Torch Mode
111 = Voltage Output + Flash Mode (bits [1:0] are
reset at end of timeout)
7.6.1.2 Flash Brightness Register
Bits [2:0] of the Torch Brightness Register, or bits [2:0] of the Flash Brightness Register place the device in
shutdown or control the on/off state of Torch, Flash, the Indicator LED and the voltage-output mode. Writing to
the Flash Brightness Register bits [2:0] automatically updates the Torch Brightness Register bits [2:0]. Bits [6:3]
set the current level in Flash mode (see Table 3). Bit [7] sets the STROBE Termination select bit (STR) (see
Table 3).
Flash Brightness Register Description
Table 3. Flash Brightness Register Bit Settings
Bit 7 (STR)
Bit 6 (FC3)
Bit 5 (FC2)
Bit 4 (FC1)
Bit 3 (FC0)
Bit 2 (VM)
Bit 1 (EN1)
Bit 0 (EN0)
STROBE Edge or Level
Select
0 = (Level Sensitive) When
STROBE goes high, flash
current turns on and remain
on for the duration the
STROBE pin is held high or
when flash timeout occurs,
whichever comes
first.(default)
1 = (Edge Triggered) When
STROBE goes high, flash
current turns on and remain
on for the duration of the
Flash Timeout.
Flash Current Select Bits
0000 = 35.5 mA (71 mA total)
0001 = 73 mA (146 mA total)
0010 = 109 mA (218 mA total)
0011 = 147.5 mA (295 mA total)
0100 = 182.5 mA (365 mA total)
0101 = 220.5 mA (441 mA total)
0110 = 259 mA (518 mA total)
111 = 298 mA (596 mA total)
1000 =326 mA (652 mA total)
1001 = 364.5 mA (729 mA total)
1010 = 402.5 mA (805 mA total)
1011 = 440.5 mA (881 mA total)
1100 = 480 mA (960 mA total)
1101 = 518.5 mA (1037 mA total) Default
1110 = 556.5 mA (1113 mA total)
1111 = 595.5 mA (1191 mA total)
Enable Bits
000 = Shutdown (default)
001 = Indicator mode
010 = Torch mode
011 = Flash mode (bits reset at timeout)
100 = Voltage-output mode
101 = Voltage output + indicator mode
110 = Voltage output + torch mode
111 = Voltage output + flash mode (bits [1:0]
are reset at end of timeout)
7.6.1.3 Flash Duration Register
Bits [4:0] of the Flash Duration Register set the Flash Timeout duration. Bits [6:5] set the switch current limit. Bit
[7] defaults as a 1 and is not used (see Table 4).
Flash Duration Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com