Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
IND1
Bit 7
Bit 6
MSB
LSB
Torch Brightness Register
Register Address 0xA0
IND0
TC2
TC1
TC0
VM
EN1
EN0
R/W
Bit 0
1
Bit 1
1
Bit 2
0
Bit 3
0
Bit 4
1
Bit 5
1
Bit 7
0
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
23
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Programming (continued)
Figure 40. Device Address
7.5.1.3 Transferring Data
Every byte on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each byte
of data must be followed by an acknowledge bit (ACK). The acknowledge related clock pulse (9th clock pulse) is
generated by the master. The master releases SDA (HIGH) during the 9th clock pulse (write mode). The LM3554
pulls down SDA during the 9th clock pulse, signifying an acknowledge. An acknowledge is generated after each
byte has been received.
7.6 Register Maps
7.6.1 Register Descriptions
Table 1. LM3554 Internal Registers
REGISTER NAME
INTERNAL HEX ADDRESS
POWER ON OR RESET VALUE
Torch Brightness
0xA0
0x50
Flash Brightness
0xB0
0x68
Flash Duration
0xC0
0x4F
Flag Register
0xD0
0x40
Configuration Register 1
0xE0
0x42
Configuration Register 2
0xF0
0xF0
GPIO Register
0x20
0x80
VIN Monitor Register
0x80
0xF0
7.6.1.1 Torch Brightness Register
Bits [2:0] of the Torch Brightness Register, or bits [2:0] of the Flash Brightness Register place the device in
shutdown or control the on/off state of Torch, Flash, the Indicator LED and the voltage-output mode (see
Table 2). Writing to Torch Brightness Register bits [2:0] automatically updates the Flash Brightness Register bits
[2:0]; writing to bits [2:0] of the Flash Brightness Register automatically updates bits [2:0] of the Torch Brightness
Register. Bits [5:3] set the current level in Torch mode (see Table 2). Bits [7:6] set the LED Indicator current level
(see Table 2).
Torch Brightness Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com