Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
HWEN
SCL
SDA
STROBE
TX1/TORCH/
GPIO1
IN
OUT
GND
LED1
LED2
LEDI/NTC
SW
Optional fixed 4.5-V or 5-V DC
power rail or adaptive mode for
white LED bias
Flash
LEDs
Indicator
LED
ENVM/TX2
/GPIO
VBIAS
D1
D2
0.1 µF
RBIAS
4.7 µF
4.7 µF
2.2 µH
2
NŸ
Thermistor
2.5 V
± 5.5 V
29
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3554 is a dual-string white-LED driver for LED camera flash applications. The dual high-side current
sources allow for grounded cathode LEDs. The integrated boost provides the power for the current sources and
can source up to 1.2 A from a single-cell Li+ voltage range.
8.2 Typical Application
Figure 41. LM3554 Typical Application
8.2.1 Design Requirements
For typical LM3554 device applications, use the parameters listed in Table 10.
Table 10. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.5 V
Programmable output voltage
4.5 V or 5 V
Programmable output current
37.5 mA to 1.2 A
Table 11. Application Circuit Component List
COMPONENT
MANUFACTURER
VALUE
PART NUMBER
SIZE (mm)
RATING
L
TOKO
2.2 µH
FDSE0312-2R2M
3 × 3 × 1.2
2.3 A (0.2
Ω)
COUT
Murata
4.7 µF/10 µF
GRM188R60J475M,
or
GRM188R60J106M
0603 (1.6 × 0.8 ×0.8 )
6.3 V
CIN
Murata
4.7 µF
GRM185R60J475M
0603 (1.6 × 0.8 × 0.8
)
6.3 V
LEDs
Lumiled
LXCL-PWF4
1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com