Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 12Page - Texas Instruments LM3554 Datasheet HTML 13Page - Texas Instruments LM3554 Datasheet HTML 14Page - Texas Instruments LM3554 Datasheet HTML 15Page - Texas Instruments LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
STROBE
Timeout
Duration
I2C Torch
Command
Default State
Flash Brightness Register bit 7 (STR) = 0
Configuration Register 1 bit 7 (TX1/TORCH) = 0
Configuration Register 1 bit 6 (TX2 Polarity) = 1
Configuration Register bit 5 (ENVM/TX2) = 0
Configuration Register 2 bit 2 (AET) = 0
IFLASH
I TORCH
ILED
16
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
device shuts down the current sources when VLEDI/NTC falls below VTRIP. When the LM3554 is forced from flash
into torch (by VLEDI/NTC falling below VTRIP), normal LED operation (during the same flash pulse) can only be re-
started by reading from the Flags Register (0xD0) and ensuring the voltage at VLEDI/NTC is above VTRIP. When
VLEDI/NTC falls below VTRIP, and the Flags register is cleared, the LM3554 goes through a 250-µs deglitch
time before the flash current falls to either torch mode or goes into shutdown.
7.3.11 Alternative External Torch (AET Mode)
Configuration Register 2 bit [2] programs the LM3554 for AET mode. With this bit set to 0 (default) TX1/TORCH
is a transmit interrupt that forces torch mode only during a flash event. For example, if TX1/TORCH goes high
during a flash event then the LEDs is forced into torch mode only for the duration of the timeout counter. At the
end of the timeout counter the LEDs turn off.
With Configuration Register 2 bit [2] set to (1) the operation of TX1/TORCH becomes dependent on its
occurrence relative to STROBE. In this mode if TX1/TORCH goes high first, then STROBE goes high, the LEDs
are forced into torch mode with no timeout. In this mode if TX1/TORCH goes high after STROBE has gone high
then the TX1/TORCH pin operates as a normal TX interrupt, and the LEDs turn off at the end of the timeout
duration. (See LM3554 Timing Diagrams, Figure 35, and Figure 36.)
7.3.12 Input Voltage Monitor
The LM3554 has an internal comparator that monitors the voltage at IN, which can force the LED current into
torch mode or into shutdown if VIN falls below the programmable VIN monitor threshold. Bit 0 in the VIN Monitor
Register (0x80) enables or disables this feature. When enabled, bits 1 and 2 program the four adjustable
thresholds of 3.1 V, 3.2 V, 3.3 V, and 3.4 V. Bit 3 in Configuration Register 2 (0xF0) selects whether an
undervoltage event forces torch mode or forces the LEDs off. See /Table 7 and /Table 9 for additional
information.
There is a set 100-mV hysteresis for the input voltage monitor. When the input voltage monitor is active, and VIN
falls below the programmed VIN monitor threshold, the LEDs either turn off or their current is reduced to the
programmed torch current setting. To reset the LED current to its previous level, two things must occur. First, VIN
must go at least 100 mV above the UVLO threshold and secondly, the Flags Register must be read back.
7.3.13 LM3554 Timing Diagrams
Figure 28. Normal Torch-to-Flash Operation (Default, Power On or LM3554 Reset State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com