Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 5 Page - Texas Instruments

  LM3554 Datasheet HTML 1Page - Texas Instruments LM3554 Datasheet HTML 2Page - Texas Instruments LM3554 Datasheet HTML 3Page - Texas Instruments LM3554 Datasheet HTML 4Page - Texas Instruments LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (MIN) and maximum (MAX) limits are ensured by design, test, or statistical analysis. Typical (TYP) numbers are not ensured,
but do represent the most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(3)
The typical curve for overvoltage protection (OVP) is measured in closed loop using the Typical Application Circuit. The OVP value is
found by forcing an open circuit in the LED1 and LED2 path and recording the peak value of VOUT. The value given in Electrical
Characteristics is found in an open-loop configuration by ramping the voltage at OUT until the OVP comparator trips. The closed loop
data can appear higher due to the stored energy in the inductor being dumped into the output capacitor after the OVP comparator trips.
At worst case is an open circuit condition where the output voltage can continue to rise after the OVP comparator trips by approximately
IIN× sqrt (L/COUT).
(4)
The typical curve for Current Limit is measured in closed loop using the Typical Application Circuit by increasing IOUT until the peak
inductor current stops increasing. The value given in Electrical Characteristics is measured open loop and is found by forcing current
into SW until the current limit comparator threshold is reached. Closed loop data appears higher due to the delay between the
comparator trip point and the NFET turning off. This delay allows the closed-loop inductor current to ramp higher after the trip point by
approximately 20 ns × VIN / L.
6.5 Electrical Characteristics
Unless otherwise specified, typical limits are for TA = 25°C, minimum and maximum limits in apply over the full operating
ambient temperature range (–30°C
≤ TA ≤ +85°C), VIN = 3.6 V, and VHWEN = VIN.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
ILED
Current source
accuracy
600-mA flash LED setting,
VOUT = VIN
ILED1 and ILED2
1128
1200
1284
mA
ILED1 or ILED2
541
600
657
17-mA torch current setting
VHR = 500 mV
ILED1 and ILED2
30.4
33.8
37.2
VHR
Current source
regulation voltage
(VOUT – VLED)
600-mA setting, VOUT = 3.75 V
300
mV
IMATCH
LED Current
Matching
600-mA setting, VLED = 3.2 V
0.35%
STEP-UP DC-DC CONVERTER
VREG
Output voltage
accuracy
2.7 V
≤ VIN ≤ 4.2 V, IOUT = 0 mA
VENVM = VIN, OV bit = 0
4.8
5
5.2
V
VOVP
Output overvoltage
protection trip
point(3)
On threshold, 2.7 V
≤ VIN ≤ 5.5 V
5.4
5.6
5.7
V
Off threshold
5.3
RPMOS
PMOS switch on-
resistance
IPMOS = 1 A
150
m
Ω
RNMOS
NMOS switch on-
resistance
INMOS = 1 A
150
m
Ω
ICL
Switch current
limit(4)
CL bits = 00
0.711
1.05
1.373
A
CL bits = 01
1.295
1.51
1.8
CL bits = 10
1.783
1.99
2.263
CL bits = 11
2.243
2.45
2.828
IOUT_SC
Output short-circuit
current limit
VOUT < 2.3 V
550
mA
ILED/NTC
Indicator current
LEDI/NTC bit = 0
IND1, IND0 bits = 00
2.3
mA
IND1, IND0 bits = 01
4.6
IND1, IND0 bits = 10
6.9
IND1, IND0 bits = 11
8.2
VTRIP
Comparator trip
threshold
LEDI/NTC bit = 1, 2.7 V
≤ VIN ≤ 5.5 V
0.947
1.052
1.157
V
ƒSW
Switching frequency
2.7 V
≤ VIN ≤ 5.5 V
1.75
2
2.23
MHz
IQ
Quiescent supply
current
Device not switching
630
µA
ISHDN
Shutdown supply
current
2.7 V
≤ VIN ≤ 5.5 V
3.5
6.6
µA
tTX
Flash-to-torch LED
current settling time
TX_ Low to High, ILED1 + ILED2 = 1.2 A to 180 mA
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com