Electronic Components Datasheet Search
  English  ▼

X  

LM3554 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 16Page - Texas Instruments LM3554 Datasheet HTML 17Page - Texas Instruments LM3554 Datasheet HTML 18Page - Texas Instruments LM3554 Datasheet HTML 19Page - Texas Instruments LM3554 Datasheet HTML 20Page - Texas Instruments LM3554 Datasheet HTML 21Page - Texas Instruments LM3554 Datasheet HTML 22Page - Texas Instruments LM3554 Datasheet HTML 23Page - Texas Instruments LM3554 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
STROBE
TX1/TORCH
Timeout
Duration
Configuration Register 1 bit 7 (TX1/TORCH) = 1
(TX1/TORCH pin is a hardware torch input)
I
FLASH
I
TORCH
ILED
20
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 37. TX1/Torch Configured as a Hardware Torch Input
7.3.14 Flags Register and Fault Indicators
The Flags Register (0xD0) contains the Interrupt and fault indicators. Five fault flags are available in the LM3554.
These include a thermal shutdown, an LED failure flag (LEDF) , a Timeout indicator Flag (TO), a LED Thermal
Flag (NTC), and a VIN Monitor Flag. Additionally, two interrupt flag bits TX1 interrupt and TX2 interrupt indicate a
change of state of the TX1/TORCH pin (TX1 mode) and ENVM/TX2 pin (TX2 mode). Reading back a 1 indicates
the TX lines have changed state since the last read of the Flags Register. A read of the Flags Register resets
these bits.
7.3.15 Thermal Shutdown
When the device die temperature reaches 150°C the boost converter shuts down, and the NFET and PFET turn
off. Additionally, all three current sources (LED1, LED2, and LEDI) turn off. When the thermal shutdown
threshold is tripped a 1 is written to bit [1] of the Flag Register (Thermal Shutdown bit). The LM3554 starts up
again when the die temperature falls to below 135°C.
During heavy load conditions when the internal power dissipation in the device causes thermal shutdown, the
device turns off and starts up again after the die temperature cools, resulting in a pulsed on/off operation. The
OVT bit, however, is only written once. To reset the OVT bit pull HWEN low, power down the LM3554, or read
the Flags Register.
7.3.16 LED Fault
The LED Fault flag (bit 2 of the Flags Register) reads back a 1 if the part is active in flash or torch mode and
either LED1 or LED2 experience an open or short condition. An LED open condition is signaled if the OVP
threshold is crossed at OUT while the device is in flash or torch mode. An LED short condition is signaled if the
voltage at LED1 or LED2 goes below 500 mV while the device is in torch or flash mode.
There is a delay of 250 µs before the LEDF flag is valid on a LED short. This is the time from when VLED falls
below the LED short threshold of 500 mV (typical) to when the fault flag is valid. There is a delay of 2 µs from
when the LEDF flag is valid on an LED open. This delay is the time between when the OVP threshold is
triggered and when the fault flag is valid. The LEDF flag can only be reset to 0 by pulling HWEN low, removing
power to the LM3554, or reading the Flags Register.
7.3.17 Flash Timeout
The TO flag (bit [0] of the Flags Register) reads back a 1 if the LM3554 is active in flash mode and the timeout
period expires before the flash pulse is terminated. The flash pulse can be terminated before the timeout period
expires by pulling the STROBE pin low (with STR bit 0), or by writing a 0 to bit 0 or 1 of the Torch Brightness
Register or the Flash Brightness Register. The TO flag is reset to 0 by pulling HWEN low, removing power to the
LM3554 device, reading the Flags Register, or when the next flash pulse is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com