Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 33 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 33 Page - NEC

Back Button MPD784036 Datasheet HTML 29Page - NEC MPD784036 Datasheet HTML 30Page - NEC MPD784036 Datasheet HTML 31Page - NEC MPD784036 Datasheet HTML 32Page - NEC MPD784036 Datasheet HTML 33Page - NEC MPD784036 Datasheet HTML 34Page - NEC MPD784036 Datasheet HTML 35Page - NEC MPD784036 Datasheet HTML 36Page - NEC MPD784036 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
µPD784031
33
8.5
PWM Output (PWM0, PWM1)
Two channels of PWM (pulse width modulation) output circuitry with a resolution of 12 bits and a repetition
frequency of 62.5 kHz (fCLK = 16 MHz) are incorporated. Low or high active level can be selected for the PWM output
channels, independently of each other. This output is best suited to DC motor speed control.
Figure 8-6. Block Diagram of PWM Output Unit
Internal bus
PWM modulo register
PWM control register
(PWMC)
Reload
control
Prescaler
8-bit
down-counter
Pulse control
circuit
4-bit counter
Output
control
PWMn (output pin)
1/256
fCLK
84
16
8
PWMn 15
0
8 7
4 3
Remark n = 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com