Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 40 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 40 Page - NEC

Back Button MPD784036 Datasheet HTML 36Page - NEC MPD784036 Datasheet HTML 37Page - NEC MPD784036 Datasheet HTML 38Page - NEC MPD784036 Datasheet HTML 39Page - NEC MPD784036 Datasheet HTML 40Page - NEC MPD784036 Datasheet HTML 41Page - NEC MPD784036 Datasheet HTML 42Page - NEC MPD784036 Datasheet HTML 43Page - NEC MPD784036 Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
µPD784031
40
(1) Three-wire serial I/O mode
This mode is designed for communication with a device incorporating a conventional synchronous serial interface.
Basically, three lines are used for communication: the serial clock line (SCK0) and serial data lines (SI0 and SO0).
In general, a handshake line is required to check the state of communication.
(2) Two-wire serial I/O mode
In this mode, 8-bit data is transferred using two lines: the serial clock line (SCL) and serial data bus (SDA).
In general, a handshake line is required to check the communication state.
8.9
Edge Detection Function
The interrupt input pins (NMI, INTP0-INTP5) are used to apply not only interrupt requests but also trigger signals
for the built-in circuits. As these pins are triggered by an edge (rising or falling) of an input signal, a function for edge
detection is incorporated. Moreover, a noise suppression function is provided to prevent erroneous edge detection
caused by noise.
Note
INTP0 is used for sampling clock selection.
Pin
Detectable edge
Noise suppression method
NMI
Rising edge or falling edge
Analog delay
INTP0-INTP3
Rising edge or falling edge, or both edges
Clock samplingNote
INTP4, INTP5
Analog delay
8.10
Watchdog Timer
A watchdog timer is incorporated for CPU runaway detection. The watchdog timer, if not cleared by software within
a specified interval, generates a nonmaskable interrupt. Furthermore, once watchdog timer operation is enabled,
it cannot be disabled by software. The user can specify whether priority is placed on an interrupt based on the
watchdog timer or on an interrupt based on the NMI pin.
Figure 8-13. Block Diagram of Watchdog Timer
fCLK/221
fCLK
INTWDT
fCLK/220
fCLK/219
fCLK/217
Timer
Clear signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com