Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 77 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 77 Page - NEC

Back Button MPD784036 Datasheet HTML 73Page - NEC MPD784036 Datasheet HTML 74Page - NEC MPD784036 Datasheet HTML 75Page - NEC MPD784036 Datasheet HTML 76Page - NEC MPD784036 Datasheet HTML 77Page - NEC MPD784036 Datasheet HTML 78Page - NEC MPD784036 Datasheet HTML 79Page - NEC MPD784036 Datasheet HTML 80Page - NEC MPD784036 Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
µPD784031
77
80 PIN PLASTIC QFP (14
×14)
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.13 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
L
0.8
±0.2
0.031+0.009
–0.008
M
0.15
0.006
N
0.10
0.004
P
2.7
0.106
A
17.2
±0.4
0.677
±0.016
B
14.0
±0.2
0.551+0.009
–0.008
C
14.0
±0.2
0.551+0.009
–0.008
D
17.2
±0.4
0.677
±0.016
F
0.825
0.032
G
0.825
0.032
H
0.30
±0.10
0.012+0.004
–0.005
I
0.13
0.005
J
0.65 (T.P.)
0.026 (T.P.)
Q
0.1
±0.1
0.004
±0.004
R5
°±5°
5
°±5°
+0.10
–0.05
+0.004
–0.003
M
M
L
K
J
H
Q
P
N
R
detail of lead end
I
G
K
1.6
±0.2
0.063
±0.008
60
61
40
80
1
21
20
41
A
B
CD
F
S
S80GC-65-3B9-4
S
3.0 MAX.
0.119 MAX.
15.
PACKAGE DRAWINGS
Remark The shape and material of the ES version are the same as those of the corresponding mass-produced
product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com