Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 48 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 48 Page - NEC

Back Button MPD784036 Datasheet HTML 44Page - NEC MPD784036 Datasheet HTML 45Page - NEC MPD784036 Datasheet HTML 46Page - NEC MPD784036 Datasheet HTML 47Page - NEC MPD784036 Datasheet HTML 48Page - NEC MPD784036 Datasheet HTML 49Page - NEC MPD784036 Datasheet HTML 50Page - NEC MPD784036 Datasheet HTML 51Page - NEC MPD784036 Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
µPD784031
48
10.2
Memory Space
The 1M-byte memory space is divided into eight spaces, each having a logical address. Each of these spaces
can be controlled using the programmable wait and pseudo-static RAM refresh functions.
Figure 10-2. Memory Space
FFFFFH
80000H
7FFFFH
40000H
3FFFFH
20000H
1FFFFH
10000H
0FFFFH
0C000H
0BFFFH
08000H
07FFFH
04000H
03FFFH
00000H
512K bytes
256K bytes
128K bytes
64K bytes
16K bytes
16K bytes
16K bytes
16K bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com