Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 35 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 35 Page - NEC

Back Button MPD784036 Datasheet HTML 31Page - NEC MPD784036 Datasheet HTML 32Page - NEC MPD784036 Datasheet HTML 33Page - NEC MPD784036 Datasheet HTML 34Page - NEC MPD784036 Datasheet HTML 35Page - NEC MPD784036 Datasheet HTML 36Page - NEC MPD784036 Datasheet HTML 37Page - NEC MPD784036 Datasheet HTML 38Page - NEC MPD784036 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
µPD784031
35
8.7
D/A Converter
Two digital/analog (D/A) converter channels of voltage output type, having a resolution of 8 bits, are incorporated.
An R-2R resistor ladder system is used for conversion. By writing the value to be subject to D/A conversion in
the 8-bit D/A conversion value setting register (DACSn: n = 0, 1), the resulting analog value is output on ANOn
(n = 0, 1). The range of the output voltages is determined by the voltages applied to the AVREF2 and AVREF3 pins.
Because of its high output impedance, no current can be obtained from an output pin. When the load impedance
is low, insert a buffer amplifier between the load and the converter.
The impedance of the ANOn pin goes high while the RESET signal is low. DACSn is set to 0 after a reset
is released.
Figure 8-8. Block Diagram of D/A Converter
Selector
Internal bus
DACSn
DACEn
2R
2R
2R
2R
AVREF3
AVREF2
R
R
R
ANOn
Remark
n = 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com