Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 67 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 67 Page - NEC

Back Button MPD784036 Datasheet HTML 63Page - NEC MPD784036 Datasheet HTML 64Page - NEC MPD784036 Datasheet HTML 65Page - NEC MPD784036 Datasheet HTML 66Page - NEC MPD784036 Datasheet HTML 67Page - NEC MPD784036 Datasheet HTML 68Page - NEC MPD784036 Datasheet HTML 69Page - NEC MPD784036 Datasheet HTML 70Page - NEC MPD784036 Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
µPD784031
67
Parameter
Serial clock cycle time
(SCK1, SCK2)
Serial clock low-level width
(SCK1, SCK2)
Serial clock high-level width
(SCK1, SCK2)
Setup time for SI1 and SI2
(to SCK1, SCK2
↑)
Hold time for SI1 and SI2
(to SCK1, SCK2
↑)
Output delay time for SO1 and
SO2 (to SCK1, SCK2
↓)
Output hold time for SO1 and
SO2 (to SCK1, SCK2
↑)
(2) IOE1, IOE2
Remarks 1. The values in this table are those when CL is 100 pF.
2. T: Serial clock cycle set by software. The minimum value is 16/fXX.
(3) UART, UART2
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
MIN.
250
500
T
85
210
0.5T - 40
85
210
0.5T - 40
40
40
0
0.5tCYSK1 - 40
MAX.
50
Symbol
tCYSK1
tWSKL1
tWSKH1
tSSSK1
tHSSK1
tDSOSK
tHSOSK
Conditions
Input
VDD = +5.0 V
± 10 %
Output
Internal, divided by 16
Input
VDD = +5.0 V
± 10 %
Output
Internal, divided by 16
Input
VDD = +5.0 V
± 10 %
Output
Internal, divided by 16
When data is transferred
Unit
ns
ns
ns
ns
ns
ns
Parameter
ASCK clock input cycle time
ASCK clock low-level width
ASCK clock high-level width
Symbol
tCYASK
tWASKL
tWASKH
MIN.
125
250
52.5
85
52.5
85
MAX.
Conditions
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com