Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 63 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 63 Page - NEC

Back Button MPD784036 Datasheet HTML 59Page - NEC MPD784036 Datasheet HTML 60Page - NEC MPD784036 Datasheet HTML 61Page - NEC MPD784036 Datasheet HTML 62Page - NEC MPD784036 Datasheet HTML 63Page - NEC MPD784036 Datasheet HTML 64Page - NEC MPD784036 Datasheet HTML 65Page - NEC MPD784036 Datasheet HTML 66Page - NEC MPD784036 Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
µPD784031
63
AC CHARACTERISTICS (TA = -40 to +85
°C, VDD = AVDD = +2.7 to 5.5 V, VSS = AVSS = 0 V)
(1) Read/write operation (1/2)
Remarks T:
TCYK (system clock cycle time)
a:
1 (during address wait), otherwise, 0
n:
Number of wait states (n
≥ 0)
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Address setup time
ASTB high-level width
Address hold time (to ASTB
↓)
Address hold time (to RD
↑)
Delay from address to RD
↓
Address float time (to RD
↓)
Delay from address to data input
Delay from ASTB
↓ to data input
Delay from RD
↓ to data input
Delay from ASTB
↓ to RD↓
Data hold time (to RD
↑)
Delay from RD
↑ to address active
Delay from RD
↑ to ASTB↑
RD low-level width
Address hold time (to WR
↑)
Delay from address to WR
↓
Delay from ASTB
↓ to data output
Delay from WR
↓ to data output
Delay from ASTB
↓ to WR↓
Symbol
tSAST
tWSTH
tHSTLA
tHRA
tDAR
tFRA
tDAID
tDSTID
tDRID
tDSTR
tHRID
tDRA
tDRST
tWRL
tHWA
tDAW
tDSTOD
tDWOD
tDSTW
MIN.
(0.5 + a) T - 15
(0.5 + a) T - 31
(0.5 + a) T - 17
(0.5 + a) T - 40
0.5T - 24
0.5T - 34
0.5T - 14
(1 + a) T - 9
(1 + a) T - 15
0.5T - 9
0
0.5T - 8
0.5T - 12
1.5T - 8
1.5T - 12
0.5T - 17
(1.5 + n) T - 30
(1.5 + n) T - 40
0.5T - 14
(1 + a) T - 5
(1 + a) T - 15
0.5T - 9
MAX.
0
(2.5 + a + n) T - 37
(2.5 + a + n) T - 52
(2 + n) T - 40
(2 + n) T - 60
(1.5 + n) T - 50
(1.5 + n) T - 70
0.5T + 19
0.5T + 35
0.5T - 11
After program
is read
After data is
read
Conditions
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com