Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 60 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 60 Page - NEC

Back Button MPD784036 Datasheet HTML 56Page - NEC MPD784036 Datasheet HTML 57Page - NEC MPD784036 Datasheet HTML 58Page - NEC MPD784036 Datasheet HTML 59Page - NEC MPD784036 Datasheet HTML 60Page - NEC MPD784036 Datasheet HTML 61Page - NEC MPD784036 Datasheet HTML 62Page - NEC MPD784036 Datasheet HTML 63Page - NEC MPD784036 Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
µPD784031
60
OSCILLATOR CHARACTERISTICS (TA = -40 to +85
°C, VDD = +2.7 to 5.5 V, VSS = 0 V)
Caution When using the system clock generator, run wires in the portion surrounded by broken lines
according to the following rules to avoid effects such as stray capacitance:
•
Minimize the wiring.
•
Never cause the wires to cross other signal lines.
•
Never cause the wires to run near a line carrying a large varying current.
•
Cause the grounding point of the capacitor of the oscillator circuit to have the same potential
as VSS1. Never connect the capacitor to a ground pattern carrying a large current.
•
Never extract a signal from the oscillator.
Resonator
Ceramic resonator
or crystal
External clock
Recommended circuit
Parameter
Oscillator frequency (fXX)
X1 input frequency (fX)
X1 input rise and fall times
(tXR, tXF)
X1 input high-level and low-
level widths (tWXH, tWXL)
MIN.
4
4
0
10
MAX.
16
16
10
125
Unit
MHz
MHz
ns
ns
X1
X2
HCMOS
inverter
VSS1 X1
X2
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com