Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 38 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 38 Page - NEC

Back Button MPD784036 Datasheet HTML 34Page - NEC MPD784036 Datasheet HTML 35Page - NEC MPD784036 Datasheet HTML 36Page - NEC MPD784036 Datasheet HTML 37Page - NEC MPD784036 Datasheet HTML 38Page - NEC MPD784036 Datasheet HTML 39Page - NEC MPD784036 Datasheet HTML 40Page - NEC MPD784036 Datasheet HTML 41Page - NEC MPD784036 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
µPD784031
38
(2) Three-wire serial I/O mode
In this mode, the master device makes the serial clock active to start transmission, then transfers 1-byte data
in phase with the clock.
This mode is designed for communication with a device incorporating a conventional synchronous serial interface.
Basically, three lines are used for communication: the serial clock line (SCK) and the two serial data lines (SI
and SO).
In general, a handshake line is required to check the state of communication.
Figure 8-11. Block Diagram of Three-Wire Serial I/O Mode
Serial clock counter
SIO1, SIO2
SI1, SI2
SO1, SO2
SCK1, SCK2
fXX/2
INTCSI1,
INTCSI2
Shift register
Output latch
Direction control
circuit
Internal bus
Serial clock
control circuit
1/m
1/2n+1
Interrupt signal
generator
Remark fXX: Oscillator frequency or external clock input
n = 0 to 11
m = 1, 16 to 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com