Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 41 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 41 Page - NEC

Back Button MPD784036 Datasheet HTML 37Page - NEC MPD784036 Datasheet HTML 38Page - NEC MPD784036 Datasheet HTML 39Page - NEC MPD784036 Datasheet HTML 40Page - NEC MPD784036 Datasheet HTML 41Page - NEC MPD784036 Datasheet HTML 42Page - NEC MPD784036 Datasheet HTML 43Page - NEC MPD784036 Datasheet HTML 44Page - NEC MPD784036 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
µPD784031
41
9. INTERRUPT FUNCTION
Table 9-1 lists the interrupt request handling modes. These modes are selected by software.
Table 9-1. Interrupt Request Handling Modes
9.1
Interrupt Source
An interrupt can be issued from any one of the interrupt sources listed in Table 9-2: execution of BRK and BRKCS
instructions, an operand error, or any of the 23 other interrupt sources.
Four levels of interrupt handling priority can be set. Priority levels can be set to nest control during interrupt handling
or to concurrently generate interrupt requests. Nested macro services, however, are performed without suspension.
When interrupt requests having the same priority level are generated, they are handled according to the default
priority (fixed). (See Table 9-2.)
Handling mode
Handled by
Handling
PC and PSW contents
Vectored interrupt
Software
Branches to a handling routine for execution
The PC and PSW contents are pushed
(arbitrary handling).
to and popped from the stack.
Context switching
Automatically selects a register bank, and
The PC and PSW contents are saved to
branches to a handling routine for execution
and read from a fixed area in the
(arbitrary handling).
register bank.
Macro service
Firmware
Performs operations such as memory-to-I/O-
Maintained
device data transfer (fixed handling).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com