Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 69 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 69 Page - NEC

Back Button MPD784036 Datasheet HTML 65Page - NEC MPD784036 Datasheet HTML 66Page - NEC MPD784036 Datasheet HTML 67Page - NEC MPD784036 Datasheet HTML 68Page - NEC MPD784036 Datasheet HTML 69Page - NEC MPD784036 Datasheet HTML 70Page - NEC MPD784036 Datasheet HTML 71Page - NEC MPD784036 Datasheet HTML 72Page - NEC MPD784036 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
µPD784031
69
D/A CONVERTER CHARACTERISTICS (TA = -40 to +85
°C, VDD = AVDD = +2.7 to 5.5 V, VSS = AVSS = 0 V)
Parameter
Resolution
Total error
Settling time
Output resistance
Analog reference voltage
Resistance of AVREF2 and
AVREF3
Reference power supply
input current
Symbol
RO
AVREF2
AVREF3
RAIREF
AIREF2
AIREF3
Conditions
Load conditions:
VDD = AVDD = AVREF2
4 M
Ω, 30 pF
= +2.7 to 5.5 V
AVREF3 = 0 V
VDD = AVDD = +2.7 to 5.5 V
AVREF2 = 0.75VDD
AVREF3 = 0.25VDD
Load conditions:
VDD = AVDD = AVREF2
2 M
Ω, 30 pF
= +2.72.7 to 5.5 V
AVREF3 = 0 V
VDD = AVDD = +2.7 to 5.5 V
AVREF2 = 0.75VDD
AVREF3 = 0.25VDD
Load conditions: 2 M
Ω, 30 pF
DACS0, 1 = 55 H
DACS0, 1 = 55 H
MIN.
8
0.75VDD
0
4
0
-5
TYP.
10
8
MAX.
0.6
0.8
0.8
1.0
10
VDD
0.25VDD
5
0
Unit
bit
%
%
%
%
µs
k
Ω
V
V
k
Ω
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com