Electronic Components Datasheet Search
  English  ▼

X  

MPD784036 Datasheet(PDF) 64 Page - NEC

Part # MPD784036
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784036 Datasheet(HTML) 64 Page - NEC

Back Button MPD784036 Datasheet HTML 60Page - NEC MPD784036 Datasheet HTML 61Page - NEC MPD784036 Datasheet HTML 62Page - NEC MPD784036 Datasheet HTML 63Page - NEC MPD784036 Datasheet HTML 64Page - NEC MPD784036 Datasheet HTML 65Page - NEC MPD784036 Datasheet HTML 66Page - NEC MPD784036 Datasheet HTML 67Page - NEC MPD784036 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
µPD784031
64
(1) Read/write operation (2/2)
Note
The hold time includes the time during which VOH1 and VOL1 are held under the load conditions of
CL = 50 pF and RL = 4.7 k
Ω.
Remarks T:
TCYK (system clock cycle time)
n:
Number of wait states (n
≥ 0)
(2) Bus hold timing
Remarks T:
TCYK (system clock cycle time)
a:
1 (during address wait), otherwise, 0
n:
Number of wait states (n
≥ 0)
Unit
ns
ns
ns
ns
ns
ns
ns
Parameter
Data setup time (to WR
↑)
Data hold time (to WR
↑)Note
Delay from WR
↑ to ASTB↑
WR low-level width
Symbol
tSODW
tHWOD
tDWST
tWWL
MIN.
(1.5 + n) T - 30
(1.5 + n) T - 40
0.5T - 5
0.5T - 25
0.5T - 12
(1.5 + n) T - 30
(1.5 + n) T - 40
MAX.
Conditions
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Delay from HLDRQ
↑ to float
Delay from HLDRQ
↑ to HLDAK↑
Delay from float to HLDAK
↑
Delay from HLDRQ
↓ to HLDAK↓
Delay from HLDAK
↓ to active
MIN.
1T - 20
1T - 30
MAX.
(6 + a + n) T + 50
(7 + a + n) T + 30
(7 + a + n) T + 40
1T + 30
2T + 40
2T + 60
Conditions
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
VDD = +5.0 V
± 10 %
Symbol
tFHQC
tDHQHHAH
tDCFHA
tDHQLHAL
tDHAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com