Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 14Page - Texas Instruments LP5562 Datasheet HTML 15Page - Texas Instruments LP5562 Datasheet HTML 16Page - Texas Instruments LP5562 Datasheet HTML 17Page - Texas Instruments LP5562 Datasheet HTML 18Page - Texas Instruments LP5562 Datasheet HTML 19Page - Texas Instruments LP5562 Datasheet HTML 20Page - Texas Instruments LP5562 Datasheet HTML 21Page - Texas Instruments LP5562 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
PWM Control
Value
Current value
Step time = 31.2 ms
1
2
3
4
5
6
7
8
End of 1st Ramp command,
start next command
Steps
1
2
4
3
5
6
7
8
9
10
End of 2nd Ramp command,
start next command
Rising ramp,
Sign = 0
Downward
ramp, Sign = 1
Increment = 4
=> 5 cycles
SVA-30197407
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
7.3.3.4.1
Ramp/Wait
The ramp command generates a PWM ramp starting from current value. At each ramp step the output is
incremented by one. Time for one step is defined with Prescale and Step time bits. Minimum time for one step is
0.49 ms and maximum time is 63 × 15.6 ms = 1 second/step, so it is possible to program very fast and also very
slow ramps. Increment value defines how many steps are taken in one command. Number of actual steps is
Increment + 1. Maximum value is 127d, which corresponds to half of full-scale (128 steps). If during ramp
command PWM reaches minimum/maximum (0/255) ramp command will be executed to the end and PWM will
stay at minimum/maximum. This enables the ramp command to be used as combined ramp and wait command
in a single instruction.
The ramp command can be used as wait instruction when increment is zero.
Setting register 00h bit LOG_EN sets the scale as either linear to logarithmic. When LOG_EN = 0, linear scale is
used, and when LOG_EN = 1, logarithmic scale is used. By using logarithmic scale the visual effect of the ramp
command seems linear to the eye.
Table 10. Ramp/Wait Command
Ramp/Wait command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Pre-
0
Step time
Sign
Increment
scale
Table 11. Ramp/Wait Command Bits
NAME
VALUE(d)
DESCRIPTION
0
Divides master clock (32.768 Hz) by 16 = 2048 Hz, 0.49 ms cycle time
Prescale
1
Divides master clock (32.768 Hz) by 512 = 64 Hz, 15.6 ms cycle time
One ramp increment done in (step time) x (clock after prescale) Note: 0 means set PMW
Step time
1-63
command.
0
Increase PWM output
Sign
1
Decrease PWM output
Increment
0-127
The number of steps is Increment + 1. Note: 0 is a wait instruction.
For example, if following parameters are used for ramp:
•
Prescale = 1
≥ cycle time = 15.6 ms
•
Step time = 2
≥ time = 15.6 ms × 2 = 31.2 ms
•
Sign = 0
≥ rising ramp Increment = 4 ≥ 5 cycles
Ramp command will be: 0100 0010 0000 0100b = 4204h
If current PWM value is 3, and the first command is as described above, the next command is a ramp with
otherwise same the parameters, but with Sign = 1 (Command = 4284h), the result will be like in the following
figure:
Figure 16. Example of 2 Sequential Ramp Commands
18
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com