Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 26Page - Texas Instruments LP5562 Datasheet HTML 27Page - Texas Instruments LP5562 Datasheet HTML 28Page - Texas Instruments LP5562 Datasheet HTML 29Page - Texas Instruments LP5562 Datasheet HTML 30Page - Texas Instruments LP5562 Datasheet HTML 31Page - Texas Instruments LP5562 Datasheet HTML 32Page - Texas Instruments LP5562 Datasheet HTML 33Page - Texas Instruments LP5562 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
7.6 Register Maps
Table 26. LP5562 Control Register Names and Default Values
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
(HEX)
00
ENABLE
LOG_EN
CHIP_EN
ENG1_EXEC[1:0]
ENG2_EXEC[1:0]
ENG3_EXEC[1:0]
0000 0000
01
OP MODE
ENG1_MODE[1:0]
ENG2_MODE[1:0]
ENG3_MODE[1:0]
0000 0000
02
B PWM
B_PWM[7:0]
0000 0000
03
G PWM
G_PWM[7:0]
0000 0000
04
R PWM
R_PWM[7:0]
0000 0000
05
B CURRENT
B_CURRENT[7:0]
1010 1111
06
G CURRENT
G_CURRENT[7:0]
1010 1111
07
R CURRENT
R_CURRENT[7:0]
1010 1111
08
CONFIG
PWM_HF
PS_EN
CLK_DET_EN
INT_CLK_E N
0000 0000
09
ENG1 PC
ENG1_PC[3:0]
0000 0000
0A
ENG2 PC
ENG2_PC[3:0]
0000 0000
0B
ENG3 PC
ENG3_PC[3:0]
0000 0000
EXT_CLK_US
0C
STATUS
ENG1_INT
ENG2_INT
ENG3_INT
0000 0000
ED
0D
RESET
RESET[7:0]
0000 0000
0E
W PWM
W_PWM[7:0]
00000000
0F
W CURRENT
W_CURRENT[7:0]
10101111
70
LED MAP
W_ENG_SEL
R_ENG_SEL
G_ENG_SEL
B_ENG_SEL
00111001
PROG MEM
10
CMD_1_ENG1[15:8]
0000 0000
ENG1
PROG MEM
11
CMD_1_ENG1[7:0]
0000 0000
ENG1
...
PROG MEM
2E
CMD_16_ENG1[15:8]
0000 0000
ENG1
PROG MEM
2F
CMD_16_ENG1[7:0]
0000 0000
ENG1
PROG MEM
30
CMD_1_ENG2[15:8]
0000 0000
ENG2
PROG MEM
31
CMD_1_ENG2[7:0]
0000 0000
ENG2
...
PROG MEM
4E
CMD_16_ENG2[15:8]
0000 0000
ENG2
PROG MEM
4F
CMD_16_ENG2[7:0]
0000 0000
ENG2
PROG MEM
50
CMD_1_ENG3[15:8]
0000 0000
ENG3
PROG MEM
51
CMD_1_ENG3[7:0]
0000 0000
ENG3
...
PROG MEM
6E
CMD_16_ENG3[15:8]
0000 0000
ENG3
PROG MEM
6F
CMD_16_ENG3[7:0]
0000 0000
ENG3
30
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com