Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 8Page - Texas Instruments LP5562 Datasheet HTML 9Page - Texas Instruments LP5562 Datasheet HTML 10Page - Texas Instruments LP5562 Datasheet HTML 11Page - Texas Instruments LP5562 Datasheet HTML 12Page - Texas Instruments LP5562 Datasheet HTML 13Page - Texas Instruments LP5562 Datasheet HTML 14Page - Texas Instruments LP5562 Datasheet HTML 15Page - Texas Instruments LP5562 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
W PWM
Register
R PWM
Register
G PWM
Register
B PWM
Register
ENGINE 1
ENGINE 2
ENGINE 3
W LED
PWM
R LED
PWM
B LED
PWM
G LED
PWM
00
01
10
11
W_ENG_SEL bits
00 - 10
11
00 - 10
11
00 - 10
ENG1_MODE bits
ENG2_MODE bits
ENG3_MODE bits
00
01
10
11
00
01
10
11
R_ENG_SEL bits
00
01
10
11
G_ENG_SEL bits
B_ENG_SEL bits
11
SVA-30197406
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
Figure 14. Controlling LED Outputs
The LED driver PWM control with 8-bit I2C register is defined in Table 2.
Table 2. LED Driver PWM Control Bits Register 70h
NAME
BIT
DESCRIPTION
LED PWM value during I2C control operation mode
PWM
7:0
0000 0000 = 0% PWM
1111 1111 = 100% PWM
If the LED driver outputs are controlled with engines, the engine adjusts the PWM according to the program
code. However, when the engine mode bits are set to ‘11’, the engine is set to direct mode. In direct mode the
PWM controls of engines comes:
•
Engine 1 PWM control comes from B PWM I2C register (02h)
•
Engine 2 PWM control comes from G PWM I2C register (03h)
•
Engine 3 PWM control comes from R PWM I2C register (04h)
When the engine mode bits are set to '11' along with the LED PWM Output selection bits, it is possible to control
all LED outputs from one I2C register.
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com