Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 16Page - Texas Instruments LP5562 Datasheet HTML 17Page - Texas Instruments LP5562 Datasheet HTML 18Page - Texas Instruments LP5562 Datasheet HTML 19Page - Texas Instruments LP5562 Datasheet HTML 20Page - Texas Instruments LP5562 Datasheet HTML 21Page - Texas Instruments LP5562 Datasheet HTML 22Page - Texas Instruments LP5562 Datasheet HTML 23Page - Texas Instruments LP5562 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
Table 17. End Command Bits (continued)
NAME
VALUE
DESCRIPTION
0
Keep the current PWM value.
reset
1
Set PWM value to 0.
7.3.3.4.6
Trigger
Wait or send triggers can be used to synchronize operation between different engines. The send-trigger
command takes sixteen 32-kHz clock cycles; the wait-for-trigger command takes at least sixteen 32-kHz clock
cycles. The receiving engine stores sent triggers. Received triggers are cleared by wait for trigger command if
received triggers match to engines defined in the command. Engine waits until all defined triggers have been
received.
Table 18. Trigger Command(1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
1
X
X
X
wait trigger <2:0>
X
X
X
send trigger <2:0>
X
ENG3
ENG2
ENG1
ENG3
ENG2
ENG1
(1)
X means do not care whether 1 or 0.
Table 19. Trigger Command Bits
NAME
VALUE(d)
DESCRIPTION
Wait for trigger for the engine(s) defined. Several triggers can be
wait
0-7
defined in the same command. Bit 0 is engine 1, bit 1 is engine2, bit
trigger<2:0>
2 is engine 3.
Send trigger for the engine(s) defined. Several triggers can be
send
0-7
defined in the same command. Bit 0 is engine 1, bit 1 is engine2, bit
trigger<2:0>
2 is engine 3.
7.3.3.5 Program Load and Execution Example
•
Start up device and configure device to SRAM write mode
–
Supply 3.6V to VDD
–
Supply 1.8V to EN
–
Wait 1 ms
–
Generate 32 kHz clock to CLK_32K pin
–
Write to address 00h 0100 0000b (enable device)
–
Wait 500
μs (startup delay)
–
Write to address 01h 0001 0000b (configure engine 1 into 'Load program to SRAM' mode)
•
Program load to SRAM
–
Write to address 10h 0000 0011b (1st ramp command 8MSB)
–
Write to address 11h 0111 1111b (1st ramp command 8 LSB)
–
Write to address 12h 0100 1101b (1st wait command 8 MSB)
–
Write to address 13h 0000 0000b (1st wait command 8 LSB)
–
Write to address 14h 0000 0011b (2nd ramp command 8 MSB)
–
Write to address 15h 1111 1111b (2nd ramp command 8 LSB)
–
Write to address 16h 0110 0000b (2nd wait command 8 MSB)
–
Write to address 17h 0000 0000b (2nd wait command 8 LSB)
•
Enable Power Save and use external 32 kHz clock
–
Write to address 08h 0010 0000b (enable powersave, use external clock)
•
Run program
–
Write to address 01h 0010 0000b (Configure LED controller operation mode to "Run program" in engine 1)
–
Write to address 00h 0110 0000b (Configure program execution mode from "Hold" to "Run" in engine 1)
The LP5562 will generate a 1100 ms long LED pattern which will be repeated infinitely. The LED pattern is
illustrated in the figure below.
20
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com