Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 27Page - Texas Instruments LP5562 Datasheet HTML 28Page - Texas Instruments LP5562 Datasheet HTML 29Page - Texas Instruments LP5562 Datasheet HTML 30Page - Texas Instruments LP5562 Datasheet HTML 31Page - Texas Instruments LP5562 Datasheet HTML 32Page - Texas Instruments LP5562 Datasheet HTML 33Page - Texas Instruments LP5562 Datasheet HTML 34Page - Texas Instruments LP5562 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
7.6.1 Enable Register (Enable) (Address = 00h) [reset = 00h]
EXEC registers are synchronized to the 32-kHz clock. Delay between consecutive I2C writes to ENABLE register
(00h) need to be longer than 488
μs (typical).
Figure 26. Enable Register
7
6
5
4
3
2
1
0
LOG_EN
CHIP_EN
ENG1_EXEC[1:0]
ENG2_EXEC[1:0]
ENG3_EXEC[1:0]
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 27. Enable Register Field Descriptions
Bit
Field
Type
Reset
Description
7
LOG_EN
R/W
Logarithmic PWM adjustment generation enable
6
CHIP_EN
R/W
Master chip enable. Enables device internal startup sequence.
See for further information. Setting EN pin low resets the
CHIP_EN state to 0. Allow 500 µs delay after setting chip_en bit
to '1'
5:4
ENG1_EXEC
R/W
Engine 1 program execution.
00b = Hold: Wait until current command is finished then stop
while EXEC mode is hold. PC can be read or written only in this
mode.
01b = Step: Execute instruction defined by current engine 1 PC
value, increment PC and change ENG1_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current
engine 1 PC value
11b = Execute instruction defined by current engine 1 PC value
and change ENG1_EXEC to 00b (Hold)
3:2
ENG2_EXEC
R/W
Engine 2 program execution
00b = Hold: Wait until current command is finished then stop
while EXEC mode is hold. PC can be read or written only in this
mode.
01b = Step: Execute instruction defined by current engine 2 PC
value, increment PC and change ENG2_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current
engine 2 PC value
11b = Execute instruction defined by current engine 2 PC value
and change ENG2_EXEC to 00b (Hold)
ENG3_EX 1:0
R/W
Engine 3 program execution
EC
00b = Hold: Wait until current command is finished then stop
while EXEC mode is hold. PC can be read or written only in this
mode.
01b = Step: Execute instruction defined by current engine 3 PC
value, increment PC and change ENG3_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current
engine 3 PC value
11b = Execute instruction defined by current engine 3 PC value
and change ENG3_EXEC to 00b (Hold)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com