Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 4Page - Texas Instruments LP5562 Datasheet HTML 5Page - Texas Instruments LP5562 Datasheet HTML 6Page - Texas Instruments LP5562 Datasheet HTML 7Page - Texas Instruments LP5562 Datasheet HTML 8Page - Texas Instruments LP5562 Datasheet HTML 9Page - Texas Instruments LP5562 Datasheet HTML 10Page - Texas Instruments LP5562 Datasheet HTML 11Page - Texas Instruments LP5562 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
100
200
300
400
500
600
700
Measurement number
Input current, internal clock,
powersave mode, 1 LED
C004
0
0.1
0.2
0.3
0.4
0.5
0
100
200
300
400
500
600
700
Measurement number
Input current, external clock,
powersave, 1 LED
C006
0
0.2
0.4
0.6
0.8
1
1.2
0
100
200
300
400
500
600
700
Measurement number
Input current, internal clock,
powersave mode
C003
0
0.2
0.4
0.6
0.8
1
1.2
0
100
200
300
400
500
600
700
Measurement number
Input current, external clock,
powersave mode
C002
0
10
20
30
40
50
0
100
200
300
400
500
600
700
Measurement number
Input current, external clock
C001
0
10
20
30
40
50
0
100
200
300
400
500
600
700
Measurement number
Input current, internal clock
C005
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
6.9 Typical Characteristics: Current Consumption
Unless otherwise specified: VDD = 3.6 V, VEN = 3.3 V. Here are presented input current consumption measurements. Current
consumption is measured during a LED blink program execution. Program code sets every LED output to full PWM value for
2 seconds and then PWM is set to 0 for 2 seconds. This is looped endlessly. 750 measurements are taken during one
measurement cycle.
Figure 4. Input Current Consumption in Normal Mode With
Figure 3. Input Current Consumption in Normal Mode With
Internal Clock Running. 4 LEDs (RGBW) set as Load. Every
External Clock Running. 4 LEDs (RGBW) Set as Load. Every
LED Driver Current Value is Set to 10 mA .
LED Driver Current Value Is Set to 10 mA.
Figure 5. Input Current Consumption in Power Save Mode
Figure 6. Input Current Consumption in Power Save Mode
With External Clock Running, no LEDs as Load. All 4 LED
With Internal Clock Running, no LEDs as Load. All 4 LED
Drivers are Enabled During Program Execution.
Drivers are Enabled During Program Execution.
Figure 7. Input Current Consumption in Power Save Mode
Figure 8. Input Current Consumption in Power Save Mode
With External Clock Running, no LEDs as Load. Only 1 LED
With Internal Clock Running, no LEDs as Load. Only 1 LED
Driver is Enabled During Program Execution.
Driver is Enabled During Program Execution.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com