Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 6Page - Texas Instruments LP5562 Datasheet HTML 7Page - Texas Instruments LP5562 Datasheet HTML 8Page - Texas Instruments LP5562 Datasheet HTML 9Page - Texas Instruments LP5562 Datasheet HTML 10Page - Texas Instruments LP5562 Datasheet HTML 11Page - Texas Instruments LP5562 Datasheet HTML 12Page - Texas Instruments LP5562 Datasheet HTML 13Page - Texas Instruments LP5562 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
PROGRAM
MEMORY
I
2
C
LP5562
SCL
SDA
CLK_32K
ADDR_SEL0
ADDR_SEL1
EN/VCC
VDD
GND
R
G
B
IDAC
Control
BIAS
REF
TSD
POR
OSC
CLK
DET
VDD_ IO
Command Based
PWM Pattern Generator
12F
CIN
VDD
W
MCU
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP5562 is a RGBW LED driver for indicator LED and keypad lighting. The device has an internal program
memory for creating a variety of lighting sequences. When the program memory has been loaded, the LP5562
can operate independently without processor control.
The device has 4 LED drivers that are constant current sinks with 8-bit current and 8-bit PWM control. The
current sinks can be controlled via the three execution engines or direct PWM control. The execution engines
have five different functions used to build lighting sequences: Ramp, Set PWM, Go to Start, Branch, or End
Trigger. These control methods and functions are explained in detail in Feature Description and Device
Functional Modes.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 LED Drivers Operational Description
The LP5562 has 4 LED drivers that are constant current sinks with 8-bit current and 8-bit PWM control. Current
is controlled from I2C registers. PWM can be controlled with program execution engines or direct I2C register
writes.
7.3.1.1 LED Driver Current Control
LED driver output current can be programmed with I2C register from 0 mA up to 25.5 mA. Current setting
resolution is 100
μA (8-bit control).
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com