Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 33Page - Texas Instruments LP5562 Datasheet HTML 34Page - Texas Instruments LP5562 Datasheet HTML 35Page - Texas Instruments LP5562 Datasheet HTML 36Page - Texas Instruments LP5562 Datasheet HTML 37Page - Texas Instruments LP5562 Datasheet HTML 38Page - Texas Instruments LP5562 Datasheet HTML 39Page - Texas Instruments LP5562 Datasheet HTML 40Page - Texas Instruments LP5562 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
7.6.13 STATUS/INTERRUPT Register (address = 0Ch) [reset = 00h]
Note:Register INT bits will be cleared when read operation to Status/Interrupt register occurs.
Figure 38. STATUS/INTERRUPT Register
7
6
5
4
3
2
1
0
EXT_CLK
ENG1_INT
ENG2_INT
ENG3_INT
USED
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 39. STATUS/INTERRUPT Register Field Descriptions
Bit
Field
Type
Reset
Description
3
EXT_CLK USED
R
External clock state
0 = Internal clock used
1 = External 32kHz clock used
2
ENG1_INT
R
Interrupt from engine 1
1
ENG2_INT
R
Interrupt from engine 2
0
ENG3_INT
R
Interrupt from engine 3
7.6.14 RESET Register (address = 0Dh) [reset = 00h]
Figure 39. RESET Register
7
6
5
4
3
2
1
0
RESET[7:0]
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 40. RESET Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
RESET
R/W
Reset all register values when FFh is written.
7.6.15 WLED Output PWM Control Register (W_PWM) (address = 0Eh) [reset = 00h]
Figure 40. W_PWM Control Register
7
6
5
4
3
2
1
0
W_PWM[7:0]
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 41. W_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
W_PWM
R/W
W LED Output PWM value during direct control operation mode
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com