Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 11Page - Texas Instruments LP5562 Datasheet HTML 12Page - Texas Instruments LP5562 Datasheet HTML 13Page - Texas Instruments LP5562 Datasheet HTML 14Page - Texas Instruments LP5562 Datasheet HTML 15Page - Texas Instruments LP5562 Datasheet HTML 16Page - Texas Instruments LP5562 Datasheet HTML 17Page - Texas Instruments LP5562 Datasheet HTML 18Page - Texas Instruments LP5562 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
7.3.3.2 Program Execution Engine Operation Modes
Operation modes are defined in register address 01h. Each engine (1, 2, 3) operation mode can be configured
separately. Mode registers are synchronized to a 32-kHz clock. Delay between consecutive I2C writes to
OP_MODE register (01h) need to be longer than 153
μs (typ).
Table 7. Operation Mode Register (OP_MODE (01h))
NAME
BIT
DESCRIPTION
Engine 1 operation mode
00b = Disabled, reset engine 1 PC
ENG1_MODE
5:4
01b = Load program to SRAM, reset engine 1 PC
10b = Run program defined by ENG1_EXEC
11b = Direct control from B PWM I2C register, reset engine 1 PC
Engine 2 operation mode
00b = Disabled, reset engine 2 PC
ENG2_MODE
3:2
01b = Load program to SRAM, reset engine 2 PC
10b = Run program defined by ENG2_EXEC
11b = Direct control from G PWM I2C register, reset engine 2 PC
Engine 3 operation mode
00b = Disabled, reset engine 3 PC
ENG3_MODE
1:0
01b = Load program to SRAM, reset engine 3 PC
10b = Run program defined by ENG3_EXEC
11b = Direct control from R PWM I2C register, reset engine 3 PC
7.3.3.2.1
Operation Modes
•
Disabled
–
Each channel can be configured to disabled mode. For the current engine mapped LED output brightness
will be 0 during this mode. Disabled mode resets respective engine’s PC.
•
Load program
–
LP5562 can store 16 commands for each engine (1, 2, 3). Each command consists of 16 bits. Because
one register has only 8 bits, one command requires two I2C register addresses. In order to reduce
program load time the LP5562 supports address auto increment. Register address is incremented after
each 8 data bits. The whole program memory can be written in one I2C write sequence. Program memory
is defined in the LP5562 register table, from address 10h to address 2Fh for engine 1, from address 30h
to address 4Fh for engine 2, and from address 50h to address 6Fh for engine 3. In order to access
program memory at least one channel operation mode needs to be load program.
–
SRAM memory writes are allowed only to the channel in load program mode. All engines are in hold while
one or several engines are in load program mode, and PWM values are frozen for the engines which are
not in load programmode. Program execution continues when all engines are out of load program mode.
Load program mode resets respective engine’s Program Counter (PC).
•
Run program
–
Run program mode executes the commands defined in program memory for respective engine (1, 2, 3).
Execution register bits in ENABLE register (00h) define how the program is executed. The program start
position can be programmed to Program Counter register (see Table 8). By manually selecting the PC
start value, user can write different lighting sequences to the SRAM memory, and select appropriate
sequence with the PC register. If program counter runs to end (15), next command will be executed from
program location 0. If internal clock is used in the run program mode, operation mode needs to be written
disabled (00b) before disabling the chip (with CHIP_EN bit or EN pin) to ensure that the sequence starts
from the correct program counter (PC) value when restarting the sequence. PC registers are synchronized
to 32 kHz clock. Delay between consecutive I2C writes to Program Counter (PC) registers (09h, 0Ah, 0Bh)
need to be longer than 153
μs (typ.).
–
Execution registers are synchronized to 32kHz clock. Delay between consecutive I2C writes to ENABLE
register (00h) need to be longer than 488
μs (typ.).
–
Note that entering LOAD program or Direct Control Mode from RUN PROGRAM mode is not allowed.
Engine execution mode should be set to Hold, and Operation Mode to disabled, when changing operation
mode from RUN mode.
•
Direct control
–
In Direct control mode the engine PWM output is controlled by R, G and B PWM I2C registers.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com