Electronic Components Datasheet Search
  English  ▼

X  

LM3533 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 28Page - Texas Instruments LM3533 Datasheet HTML 29Page - Texas Instruments LM3533 Datasheet HTML 30Page - Texas Instruments LM3533 Datasheet HTML 31Page - Texas Instruments LM3533 Datasheet HTML 32Page - Texas Instruments LM3533 Datasheet HTML 33Page - Texas Instruments LM3533 Datasheet HTML 34Page - Texas Instruments LM3533 Datasheet HTML 35Page - Texas Instruments LM3533 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
SDA
Start Condition
Stop Condition
SCL
S
P
LM3533
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
Programming (continued)
Figure 35. Start and Stop Sequences
7.5.1.2 I2C-Compatible Address
The chip address for the LM3533 is 0110110 (36h) for the -40 device and 0111000 (38h) for the -40A device.
After the START condition, the I2C master sends the 7-bit chip address followed by an eighth read or write bit
(R/W). R/W= 0 indicates a WRITE and R/W = 1 indicates a READ. The second byte following the chip address
selects the register address to which the data is written. The third byte contains the data for the selected register.
7.5.1.3 Transferring Data
Every byte on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each byte
of data must be followed by an acknowledge bit (ACK). The acknowledge related clock pulse (9th clock pulse) is
generated by the master. The master releases SDA (HIGH) during the 9th clock pulse. The LM3533 pulls down
SDA during the 9th clock pulse signifying an acknowledge. An acknowledge is generated after each byte has
been received.
Table 1 lists the available registers within the LM3533.
7.6 Register Maps
7.6.1 LM3533 Register Descriptions
Table 1. LM3533 Register Definitions
Name
Address
Power On Reset
Current Sink Output Configuration 1
0x10
0x92
Current Sink Output Configuration 2
0x11
0x0F
Start Up/Shut Down Ramp Rates
0x12
0x00
Run Time Ramp Rates
0x13
0x00
Control Bank A PWM Configuration
0x14
0x38
Control Bank B PWM Configuration
0x15
0x38
Control Bank C PWM Configuration
0x16
0x38
Control Bank D PWM Configuration
0x17
0x38
Control Bank E PWM Configuration
0x18
0x38
Control Bank F PWM Configuration
0x19
0x38
Control Bank A/B Brightness Configuration
0x1A
0x00
Control Bank C Brightness Configuration
0x1B
0x00
Control Bank D Brightness Configuration
0x1C
0x00
Control Bank E Brightness Configuration
0x1D
0x00
Control Bank F Brightness Configuration
0x1E
0x00
Control Bank A Full-Scale Current
0x1F
0x13
Control Bank B Full-Scale Current
0x20
0x13
Control Bank C Full-Scale Current
0x21
0x13
Control Bank D Full-Scale Current
0x22
0x13
Control Bank E Full-Scale Current
0x23
0x13
32
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com