Electronic Components Datasheet Search
  English  ▼

X  

LM3533 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 51Page - Texas Instruments LM3533 Datasheet HTML 52Page - Texas Instruments LM3533 Datasheet HTML 53Page - Texas Instruments LM3533 Datasheet HTML 54Page - Texas Instruments LM3533 Datasheet HTML 55Page - Texas Instruments LM3533 Datasheet HTML 56Page - Texas Instruments LM3533 Datasheet HTML 57Page - Texas Instruments LM3533 Datasheet HTML 58Page - Texas Instruments LM3533 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
1.
2
S
2
S
L
kHz
500
2
R
-
x
x
?
+
LS
L
RS
CIN
LM3533
VIN Supply
I SUPPLY
? IL
SW
IN
LS
CIN
RS
ISUPPLY
? IL
2.
3.
1
>
2
S
R
2
S
L
4 x
IN
S
C
L x
1
RESONANT
f
=
2?
IN
S
C
L x
x
L
I
?
?
LE
SUPPLYRIPP
I
?
?
?
?
?
?
?
?
1
IN
C
kHz
500
2
x
x
?
1
IN
C
kHz
500
2
x
x
?
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
Layout Guidelines (continued)
Figure 54. Input RLC Network
10.1.2 Charge Pump
The charge pump basically has three areas of concern regarding component placement:
1. The flying capacitor (CP)
2. The output capacitor (CPOUT)
3. The input capacitor
10.1.2.1 Flying Capacitor (CP)
The charge pump flying capacitor must quickly charge up to the input voltage and then supply the current to the
output every switching cycle. Because the charge pump switching frequency is 1 MHz, the capacitor must be a
low-inductance and low-resistive ceramic. Additionally, there must be a low-inductive connection from CP to the
LM3533 flying capacitor terminals C+ and C
−. This is accomplished by placing CP as close as possible to the
LM3533 and on the same layer to avoid vias.
10.1.2.2 Output Capacitor (CPOUT)
The charge pump output capacitor sees the switched charge from the flying capacitor every switching cycle (1
MHz). This fast switching action requires that a low inductive and low resistive capacitor (ceramic) be used and
that CPOUT be connected to the LM3533 CPOUT pin with a low inductive connection. This is done by placing
CPOUT as close as possible to the CPOUT and GND pins of the LM3533 and on the same layer as the LM3533
to avoid vias.
10.1.2.3 Charge Pump Input Capacitor Placement
The input capacitor for the LM3533 charge pump is the same one used for the LM3533 inductive boost converter
(see Boost Input Capacitor Selection and Placement).
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com