Electronic Components Datasheet Search
  English  ▼

X  

LM3533 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 8Page - Texas Instruments LM3533 Datasheet HTML 9Page - Texas Instruments LM3533 Datasheet HTML 10Page - Texas Instruments LM3533 Datasheet HTML 11Page - Texas Instruments LM3533 Datasheet HTML 12Page - Texas Instruments LM3533 Datasheet HTML 13Page - Texas Instruments LM3533 Datasheet HTML 14Page - Texas Instruments LM3533 Datasheet HTML 15Page - Texas Instruments LM3533 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
LM3533
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
7.3 Feature Description
7.3.1 Control Bank Mapping
Control of the LM3533’s current sinks is not done directly, but through the programming of Control Banks. The
current sinks are then assigned to the programmed Control Bank. This allows for a wide variety of current control
possibilities where LEDs can be grouped and controlled via specific Control Banks (see Figure 22).
7.3.1.1 High-Voltage Control Banks (A/B)
There are 2 high-voltage control banks (A and B). Both high-voltage current sinks can be assigned to either
Control Bank A or Control Bank B. Assigning both current sinks to the same control bank allows for better LED
current matching. Assigning each current sink to different control banks allows for each current sink to be
programmed with a different current. The high-voltage control bank mapping is done via bits [1:0] of the Current
Sink Output Configuration Register #1 (address 0x10).
7.3.1.2 Low-Voltage Control Banks (C, D, E, And F)
There are 4 low-voltage control banks (C, D, E, and F). Any low-voltage current sink (LVLED1 to LVLED5) can
be assigned to any of the low-voltage control banks. Assigning every low-voltage current sink to the same control
bank allows for the best matching between LEDs. Assigning each low-voltage current sink to different control
banks allows for each current sink to be programmed with different current levels.
7.3.2 Pattern Generator
The LM3533 contains 4 independently programmable pattern generators for each Control Bank. Each pattern
generator can have its own separate pattern: different rise and fall times, delays from turn-on, high and low-
current settings, and pattern high and low times.
7.3.3 Ambient Light Sensor Interface
The LM3533 contains an ambient light sensor interface (ALS). The ALS input is designed to connect to the
output of either an analog output or PWM output ambient light sensor. The sensor output (or ambient light
information) is digitized and processed by the LM3533. The light information is then compared against the
LM3533’s five user-configurable brightness zones. Each brightness zone points to a brightness zone target
current. Each group of target currents forms an ALS mapper. The LM3533 has three groups of ALS Mappers
where each mapper can be assigned to any of the high or low-voltage control banks (see Figure 26).
7.3.4 PWM Input
The PWM input which can be assigned to any of the high- or low-voltage control banks. When assigned to a
control bank, the programmed current in the control bank also becomes a function of the duty cycle at the PWM
input.
7.3.5 HWEN Input
HWEN is the global hardware enable to the LM3533. HWEN must be pulled high to enable the device. HWEN is
a high-impedance input so it cannot be left floating. When HWEN is pulled low the LM3533 is placed in
shutdown, and all the registers are reset to their default state.
7.3.6 Thermal Shutdown
The LM3533 contains a thermal shutdown protection. In the event the die temperature reaches 140°C, the boost,
charge pump and current sinks shut down until the die temperature drops to typically 125°C.
12
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com