Electronic Components Datasheet Search
  English  ▼

X  

LM3533 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 13Page - Texas Instruments LM3533 Datasheet HTML 14Page - Texas Instruments LM3533 Datasheet HTML 15Page - Texas Instruments LM3533 Datasheet HTML 16Page - Texas Instruments LM3533 Datasheet HTML 17Page - Texas Instruments LM3533 Datasheet HTML 18Page - Texas Instruments LM3533 Datasheet HTML 19Page - Texas Instruments LM3533 Datasheet HTML 20Page - Texas Instruments LM3533 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
Device Functional Modes (continued)
7.4.4.2 Run-Time Ramp
Current ramping from one brightness level to the next is programmed via the Run-Time Transition Time Register
(see Table 5). There are 8 different ramp-up times and 8 different ramp-down times. The ramp-up time can be
programmed independently from the ramp-down time, but each Control Bank cannot be independently
programmed. For example, programming a ramp-up or ramp-down time is a global setting for all Control Banks.
7.4.5 Brightness Register Current Control
For simple user-adjustable current control, the LM3533 features Brightness Register Current Control. This mode
is selected via the Control Bank Brightness Configuration Registers (see Table 8 and Table 10). Once set for
Brightness Register Current Control, the LED current is set by writing directly to the appropriate Control Bank
Brightness Registers (see Table 28). In this mode the current for a particular Control Bank becomes a function of
the full-scale LED current, the 8-bit code in the respective brightness register, and the PWM input duty cycle (if
PWM is enabled). The Control Bank Brightness Register contains an 8-bit code which represents the percentage
of the full-scale LED current. This percentage of full-scale current is different depending on the selected mapping
mode (see LED Current Mapping Modes).
7.4.6 PWM Control
The LM3533 device’s PWM input can be enabled for any of the Control Banks (see Table 7). Once enabled, the
LED current becomes a function of the code in the Control Bank Brightness Configuration Register and the PWM
input-duty cycle.
The PWM input accepts a logic level voltage and internally filters it to an analog control voltage. This results in a
linear response of duty cycle to current, where 100% duty cycle corresponds to the programmed brightness code
multiplied by the Full-Scale Current setting.
7.4.6.1 PWM Input Frequency Range
The usable input frequency range for the PWM input is governed on the low end by the cutoff frequency of the
internal low-pass filter (540 Hz, Q = 0.33) and on the high end by the propagation delays through the internal
logic. For frequencies below 2 kHz the current ripple begins to become a larger portion of the DC LED current.
Additionally, at lower PWM frequencies the boost output voltage ripple increases, causing a non-linear response
from the PWM duty cycle to the average LED current due to the response time of the boost. For the best
response of current vs. duty cycle, the PWM input frequency must be kept between 2 kHz and 100 kHz.
7.4.6.2 PWM Input Polarity
The PWM Input can be set for active low polarity, where the LED current is a function of the negative duty cycle.
This is set via the OVP/Boost Frequency/PWM Polarity Register (see Table 20).
7.4.7 ALS Current Control
The LM3533 features Ambient Light Sensor (ALS) current control which allows the LED current to be
automatically set based upon the received ambient light. To implement ambient light current control the LM3533
uses a 5 brightness zone implementation with 3 sets of Zone Targets.
7.4.7.1 ALS Brightness Zones (Zone Boundaries)
The LM3533 provides for a 5 brightness zone ambient light sensor interface. This allows for the LED current in
any current sink to change based upon which zone the received ambient light falls into. The brightness zones are
configured via 4 ALS Zone Boundary High and 4 ALS Zone Boundary Low Registers. Each Zone Boundary
register is 8 bits with a full-scale voltage of 2 V. This gives a 2 V/255 = 7.843 mV per bit. Figure 26 shows the
mapping from the ALS Brightness Zone to the target backlight current.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com