Electronic Components Datasheet Search
  English  ▼

X  

LM3533 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 7Page - Texas Instruments LM3533 Datasheet HTML 8Page - Texas Instruments LM3533 Datasheet HTML 9Page - Texas Instruments LM3533 Datasheet HTML 10Page - Texas Instruments LM3533 Datasheet HTML 11Page - Texas Instruments LM3533 Datasheet HTML 12Page - Texas Instruments LM3533 Datasheet HTML 13Page - Texas Instruments LM3533 Datasheet HTML 14Page - Texas Instruments LM3533 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
High Voltage
Current Sinks
2X
Charge Pump
Reference and
Thermal
Shutdown
Programmable
500-kHz/1-MHz
Switching
Frequency
LVLED4
LVLED5
LVLED1
LVLED2
LVLED3
C-
C+
CP
CPOUT
CIN
Low Voltage
Current Sinks
COUT
OVP
SW
HVLED1
HVLED2
IN
INT
SDA
SCL
I2C-
Compatible
Interface
ALS
VBATT
Programmable Input
1. Internal Low Pass
Filter
2. 128 Internal Gain
Setting Resistors
4 x Programmable
Pattern Generators
Interrupt Output
Enable
Gain Control
(Automatic, 1X, 2X)
Programmable
Overvoltage
Protection
(16V, 24V, 32V, 40V)
LED String
Open/Short
Detection
1-A Current Limit
PWM
Internal Low Pass
Filter
ALS Processing
1. 8-bit ADC
2. Averaging
3. ALS Algorithms
Indicator LED Control
1. 5-bit Full Scale
Current Select
2. 8-bit brightness
adjustment
3. Linear/Exponential
Dimming
4. LED Current
Ramping
Backlight LED Control
1. 5-bit Full Scale
Current Select
2. 8-bit Brightness
Adjustment
3. Linear/Exponential
Dimming
4. LED Current
Ramping
VBATT
CIN
Boost
Converter
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The LM3533 provides the power for two high-voltage LED strings (up to 40 V at 30 mA each) and 5 low-voltage
LEDs (up to 6 V at 30 mA each). The two high-voltage LED strings are powered from an integrated boost
converter. The five low-voltage LEDs are powered from an integrated 2× charge pump.
The device is programmable over an I2C-compatible interface. Additional features include a pulse width
modulation (PWM) input for content adjustable brightness control, an ambient light sensor input (ALS) for
ambient light current control, and 4 programmable pattern generators for RGB and indicator blinking functions on
the low-voltage LEDs.
7.2 Functional Block Diagram
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com