Electronic Components Datasheet Search
  English  ▼

X  

LM3533 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 3Page - Texas Instruments LM3533 Datasheet HTML 4Page - Texas Instruments LM3533 Datasheet HTML 5Page - Texas Instruments LM3533 Datasheet HTML 6Page - Texas Instruments LM3533 Datasheet HTML 7Page - Texas Instruments LM3533 Datasheet HTML 8Page - Texas Instruments LM3533 Datasheet HTML 9Page - Texas Instruments LM3533 Datasheet HTML 10Page - Texas Instruments LM3533 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
0
32
64
96
128 160 192 224 256
Code (D)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40
VHR (V)
31.0
29.0
27.0
25.0
23.0
21.0
19.0
17.0
15.0
13.0
11.0
9.0
7.0
5.0
85°C
-40°C
25°C
0
32
64
96
128 160 192 224 256
Code (D)
100
10
1
0.1
0.01
0
32
64
96
128 160 192 224 256
Code (D)
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
-1.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0.1
-40°C
25°C
85°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-40°C
25°C
85°C
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
VIN = 3.6 V, LEDs are WLEDs part number SML-312WBCW(A), typical application circuit with L = TDK (VLF302512, 4.7 µH,
10 µH, 22 µH where specified), Schottky = On-Semi (NSR0240V2T1G), TA = 25°C, unless otherwise specified. Efficiency is
given as VOUT × (IHVLED1 + IHVLED2)/(VIN × IIN); matching curves are given as (ΔILED_MAX/ILED_AVE).
ILED = 20 mA
ILED = 20 mA
Figure 1. HVLED Matching vs VIN, Temp
Figure 2. LVLED Matching vs VIN, Temp
VIN = 3.6 V
VIN = 3.6 V
Figure 3. HVLED Current vs Code (Exponential Mode)
Figure 4. HVLED Matching vs Code (Exponential Mode)
VIN = 3.6 V
Figure 5. HVLED Matching vs Code (Linear Mode)
Figure 6. HVLED Current vs Current Sink Headroom
Voltage
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com